Electronic Components Datasheet Search
  English  ▼

X  

LTM4627 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 1 Page - Linear Technology

  LTM4627_15 Datasheet HTML 1Page - Linear Technology LTM4627_15 Datasheet HTML 2Page - Linear Technology LTM4627_15 Datasheet HTML 3Page - Linear Technology LTM4627_15 Datasheet HTML 4Page - Linear Technology LTM4627_15 Datasheet HTML 5Page - Linear Technology LTM4627_15 Datasheet HTML 6Page - Linear Technology LTM4627_15 Datasheet HTML 7Page - Linear Technology LTM4627_15 Datasheet HTML 8Page - Linear Technology LTM4627_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTM4627
1
4627fc
For more information www.linear.com/LTM4627
TYPICAL APPLICATION
DESCRIPTION
15A DC/DC µModule
Regulator
The LTM®4627 is a complete 15A output high efficiency
switch mode DC/DC power supply. Included in the pack-
age are the switching controller, power FETs, inductor
and compensation components. Operating over an input
voltage range from 4.5V to 20V, the LTM4627 supports an
output voltage range of 0.6V to 5V, set by a single external
resistor.Onlyafewinputandoutputcapacitorsareneeded.
Current mode operation allows precision current sharing
of up to four LTM4627 regulators to obtain 60A output.
High switching frequency and a current mode architecture
enable a very fast transient response to line and load
changes without sacrificing stability. The device supports
frequency synchronization, multiphase/current sharing
operation, Burst Mode operation and output voltage track-
ing for supply rail sequencing.
The LTM4627 is offered in thermally enhanced 15mm
×
15mm
×4.32mmLGAand15mm×15mm×4.92mmBGA
packages. The LTM4627 is available with SnPb (BGA) or
RoHS compliant terminal finish.
L
, LT, LTC, LTM, Linear Technology, the Linear logo, Burst Mode, µModule and PolyPhase
are registered trademarks and LTpowerCAD is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by U.S. Patents,
including 5481178, 5847554, 6580258, 6304066, 6476589, 6774611, 6677210.
1.2V, 15A DC/DC µModule® Regulator
FEATURES
APPLICATIONS
n
Complete 15A Switch Mode Power Supply
n
Wide Input Voltage Range: 4.5V to 20V
n
0.6V to 5V Output Range
n
±1.5% Total DC Output Error
n
Differential Remote Sense Amplifier for Precision
Regulation
n
Current Mode Control/ Fast Transient Response
n
Frequency Synchronization
n
Parallel Current Sharing (Up to 60A)
n
Selectable Pulse-Skipping or Burst Mode® Operation
n
Soft-Start/Voltage Tracking
n
Up to 93% Efficiency (12VIN, 3.3VOUT)
n
Overcurrent Foldback Protection
n
Output Overvoltage Protection
n
Small Surface Mount Footprint, Low Profile
15mm
× 15mm × 4.32mm LGA and
15mm
× 15mm × 4.92mm BGA Packages
n
Telecom Servers and Networking Equipment
n
ATCA and Storage Cards
n
Industrial Equipment
n
Medical Systems
Efficiency vs Load Current
COMP
TRACK/SS
RUN
fSET
MODE_PLLIN
PGOOD
VOUT
VOUT_LCL
DIFF_OUT
VOSNS+
VOSNS–
VFB
LTM4627
VIN
10k
RFB**
60.4k
100k
22µF
16V
×3
82pF
0.1µF
470µF
6.3V
100µF*
6.3V
VOUT
1.2V
15A
INTVCC
EXTVCC
* SEE TABLE 4
** SEE TABLE 1
4627 TA01a
VIN
4.5V TO 16V
SGND
GND
150pF
+
LOAD CURRENT (A)
0
50
55
65
70
75
85
4
8
10
4627 TA01b
60
90
95
80
2
6
12
14
16
12VIN, 1.2VOUT
5VIN, 1.2VOUT


Similar Part No. - LTM4627_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4627EV LINER-LTM4627EV Datasheet
587Kb / 10P
High Efficiency PolyPhase Step-Down Power Supply
LTM4627EVPBF LINER-LTM4627EVPBF Datasheet
372Kb / 28P
15A DC/DC 關Module Regulator
LTM4627IVPBF LINER-LTM4627IVPBF Datasheet
372Kb / 28P
15A DC/DC 關Module Regulator
More results

Similar Description - LTM4627_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8027 LINER-LTM8027 Datasheet
251Kb / 20P
60V, 4A DC/DC Module Regulator
LTM4611 LINER-LTM4611 Datasheet
469Kb / 28P
Ultralow VIN, 15A DC/DC 關Module Regulator
LTM4627 LINER-LTM4627 Datasheet
372Kb / 28P
15A DC/DC 關Module Regulator
LTM8020 LINER-LTM8020_15 Datasheet
210Kb / 16P
200mA, 36V DC/DC Module Regulator
LTM8027 LINER-LTM8027_15 Datasheet
470Kb / 22P
60V, 4A DC/DC Module Regulator
LTM4611 LINER-LTM4611_15 Datasheet
487Kb / 30P
Ultralow VIN, 15A DC/DC Module Regulator
LTM4662 LINER-LTM4662 Datasheet
581Kb / 34P
Dual 15A or Single 30A DC/DC 關Module Regulator
LTM4636 LINER-LTM4636 Datasheet
1Mb / 36P
40A DC/DC 關Module Regulator
logo
Renesas Technology Corp
ISL8215M RENESAS-ISL8215M Datasheet
1Mb / 41P
15A 42V Single-Channel DC/DC Step-Down Power Module
logo
Analog Devices
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com