Electronic Components Datasheet Search
  English  ▼

X  

LTM4627 Datasheet(PDF) 32 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTM4627_15 Datasheet HTML 24Page - Linear Technology LTM4627_15 Datasheet HTML 25Page - Linear Technology LTM4627_15 Datasheet HTML 26Page - Linear Technology LTM4627_15 Datasheet HTML 27Page - Linear Technology LTM4627_15 Datasheet HTML 28Page - Linear Technology LTM4627_15 Datasheet HTML 29Page - Linear Technology LTM4627_15 Datasheet HTML 30Page - Linear Technology LTM4627_15 Datasheet HTML 31Page - Linear Technology LTM4627_15 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTM4627
32
4627fc
For more information www.linear.com/LTM4627
LINEAR TECHNOLOGY CORPORATION 2010
LT 0214 REV C • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTM4627
RELATED PARTS
TYPICAL APPLICATION
3.3V at 10A Design
COMP
TRACK/SS
RUN
fSET
MODE_PLLIN
PGOOD
VOUT
VOUT_LCL
DIFF_OUT
VOSNS+
VOSNS–
VFB
LTM4627
VIN
R1
10k
RFB
13.3k
R3
174k
C2
22µF
16V
C3
22µF
16V
C5
47pF
C7
0.1µF
100µF
X5R
C6
100µF
X5R
6.3V
VOUT
3.3V
10A
C4
C1
22µF
16V
INTVCC
EXTVCC
CONTINUOUS
MODE
4627 TA02
5V
SGND
GND
82pF
PART NUMBER
DESCRIPTION
COMMENTS
LTM4628
Dual 8A, 26V, DC/DC Step-Down μModule
Regulator
0.6V ≤ VOUT ≤ 5V, 4.5V ≤ VIN ≤ 26.5V, Remote Sense Amplifier,
Internal Temperature Sensing Output, 15mm × 15mm × 4.32mm LGA
LTM4611
1.5VIN(MIN), 15A DC/DC Step-Down μModule
Regulator
0.8V ≤ VOUT ≤ 5V, 1.5V ≤ VIN ≤ 5.5V, PLL Input, Remote Sense Amplifier,
VOUT Tracking, 15mm × 15mm × 4.32mm LGA
LTM4618
6A DC/DC Step-Down μModule Regulator
0.8V ≤ VOUT ≤ 5V, 4.5V ≤ VIN ≤ 26.5V, PLL Input, VOUT Tracking,
9mm × 15mm × 4.32mm LGA
LTM4613
8A EN55022 Class B DC/DC Step-Down μModule
Regulator
3.3V ≤ VOUT ≤ 15V, 5V ≤ VIN ≤ 36V, PLL Input, VOUT Tracking and Margining,
15mm × 15mm × 4.32mm LGA
LTM4601AHV
28V, 12A DC/DC Step-Down μModule Regulator
0.6V ≤ VOUT ≤ 5V, 4.5V ≤ VIN ≤ 28V, PLL Input, Remote Sense Amplifier,
VOUT Tracking and Margining, 15mm × 15mm × 2.82mm LGA or
15mm × 15mm × 3.42mm BGA
LTM4601A
20V, 12A DC/DC Step-Down μModule Regulator
0.6V ≤ VOUT ≤ 5V, 4.5V ≤ VIN ≤ 20V, PLL Input, Remote Sense Amplifier,
VOUT Tracking and Margining, 15mm × 15mm × 2.82mm LGA or
15mm × 15mm × 3.42mm BGA
LTM8027
60V, 4A DC/DC Step-Down μModule Regulator
4.5V ≤ VOUT ≤ 60V, 2.5V ≤ VIN ≤ 24V, CLK Input, 15mm × 15mm × 4.32mm LGA
LTC6908-1
50kHz to 10MHz Dual Output Oscillator
Single Supply 2.5V ≤ VIN ≤ 5.5V, 90° or 180° Phase Shift Between Outputs,
Optional Spread Spectrum Frequency Modulation, 2mm × 3mm DFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com