Electronic Components Datasheet Search
  English  ▼

X  

LTM4627 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM4627_15 Datasheet HTML 20Page - Linear Technology LTM4627_15 Datasheet HTML 21Page - Linear Technology LTM4627_15 Datasheet HTML 22Page - Linear Technology LTM4627_15 Datasheet HTML 23Page - Linear Technology LTM4627_15 Datasheet HTML 24Page - Linear Technology LTM4627_15 Datasheet HTML 25Page - Linear Technology LTM4627_15 Datasheet HTML 26Page - Linear Technology LTM4627_15 Datasheet HTML 27Page - Linear Technology LTM4627_15 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTM4627
24
4627fc
For more information www.linear.com/LTM4627
TYPICAL APPLICATIONS
Figure 18. 4.5V to 20VIN, 1.5V at 15A Design
COMP
TRACK/SS
RUN
fSET
MODE_PLLIN
PGOOD
VOUT
VOUT_LCL
DIFF_OUT
VOSNS+
VOSNS–
VFB
LTM4627
VIN
R1
10k
RFB
40.2k
R3
120k
C2
22µF
25V
CCOMP
150pF
C3
22µF
25V
CFF
82pF
C7
0.1µF
470µF
6.3V
×2
100µF
6.3V
VOUT
1.5V
15A
COUT1
COUT2*
C1
22µF
25V
INTVCC
EXTVCC
CONTINUOUS
MODE
*SEE TABLE 4
4627 F18
VIN
4.5V TO 20V
SGND
GND
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com