Electronic Components Datasheet Search
  English  ▼

X  

LTM4627 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4627_15 Datasheet HTML 2Page - Linear Technology LTM4627_15 Datasheet HTML 3Page - Linear Technology LTM4627_15 Datasheet HTML 4Page - Linear Technology LTM4627_15 Datasheet HTML 5Page - Linear Technology LTM4627_15 Datasheet HTML 6Page - Linear Technology LTM4627_15 Datasheet HTML 7Page - Linear Technology LTM4627_15 Datasheet HTML 8Page - Linear Technology LTM4627_15 Datasheet HTML 9Page - Linear Technology LTM4627_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTM4627
6
4627fc
For more information www.linear.com/LTM4627
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up with Soft-Start
Short-Circuit Protection No Load
Short-Circuit Protection 15A Load
2.5V Transient Response
3.3V Transient Response
5.0V Transient Response
VIN = 12V, VOUT = 1.5V, IOUT = 0A
4ms/DIV
4627 G14
500mV/DIV
1A/DIV
VOUT
IIN
VIN = 12V, VOUT = 1.5V, IOUT = 15A
4ms/DIV
4627 G15
500mV/DIV
1A/DIV
VOUT
IIN
VIN = 12V, VOUT = 2.5V,
CFF = 82pF, CCOMP = 33pF
OUTPUT CAPACITOR = 4
× 100µF CERAMIC X5R
100µs/DIV
4627 G10
50mV/DIV
0A TO 7.5A
LOAD STEP
VIN = 12V, VOUT = 3.3V,
CFF = 82pF, CCOMP = 33pF
OUTPUT CAPACITOR = 2
× 100µF CERAMIC X5R
100µs/DIV
4627 G11
50mV/DIV
0A TO 7.5A
LOAD STEP
VIN = 12V, VOUT = 5V,
CFF = 82pF, CCOMP = 33pF
OUTPUT CAPACITOR = 2
× 100µF CERAMIC X5R
100µs/DIV
4627 G12
50mV/DIV
0A TO 7.5A
LOAD STEP
VIN = 12V, VOUT = 1.5V, IOUT = 15A
INPUT CAP 150µF SANYO ELECTROLYTIC CAP
AND 22µF
× 2 X5R CERAMIC CAP
OUTPUT CAP 1
× 100µF X5R CERAMIC
AND 470µF SANYO POSCAP
0.1µF CAP FROM TRACK/SS TO GND
50ms/DIV
500mV/DIV
5A/DIV
4627 G13
VOUT
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com