Electronic Components Datasheet Search
  English  ▼

X  

LTM4627 Datasheet(PDF) 23 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM4627_15 Datasheet HTML 19Page - Linear Technology LTM4627_15 Datasheet HTML 20Page - Linear Technology LTM4627_15 Datasheet HTML 21Page - Linear Technology LTM4627_15 Datasheet HTML 22Page - Linear Technology LTM4627_15 Datasheet HTML 23Page - Linear Technology LTM4627_15 Datasheet HTML 24Page - Linear Technology LTM4627_15 Datasheet HTML 25Page - Linear Technology LTM4627_15 Datasheet HTML 26Page - Linear Technology LTM4627_15 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTM4627
23
4627fc
For more information www.linear.com/LTM4627
APPLICATIONS INFORMATION
Safety Considerations
The LTM4627 modules do not provide isolation from VIN
to VOUT. There is no internal fuse. If required, a slow blow
fuse with a rating twice the maximum input current needs
to be provided to protect each unit from catastrophic
failure. The device does support overvoltage protection
and overcurrent protection.
Layout Checklist/Example
The high integration of the LTM4627 makes the PCB
board layout very simple and easy. However, to optimize
its electrical and thermal performance, some layout con-
siderations are still necessary.
• Use large PCB copper areas for high current paths,
including VIN, GND and VOUT. It helps to minimize the
PCB conduction loss and thermal stress.
• Place high frequency ceramic input and output capaci-
tors next to the VIN, GND and VOUT pins to minimize
high frequency noise.
• Place a dedicated power ground layer underneath the
unit.
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between top layer and other power layers.
• Do not put vias directly on the pad, unless they are
capped or plated over.
• Place test points on signal pins for testing.
• Use a separated SGND ground copper area for com-
ponents connected to signal pins. Connect the SGND
to GND underneath the unit.
• For parallel modules, tie the COMP and VFB pins to-
gether. Use an internal layer to closely connect these
pins together.
Figure 17 gives a good example of the recommended
layout. LGA and BGA PCB layouts are identical with the
exceptionofcirclepadsforBGA(seePackageDescription).
Figure 17. Recommended PCB Layout
(LGA Shown, for BGA Use Circle Pads)
GND
VIN
4627 F17
CONTROL
SIGNAL
GROUND
VOUT
VOUT
COUT
COUT
CIN
CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com