Electronic Components Datasheet Search
  English  ▼

X  

LTM4627 Datasheet(PDF) 26 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTM4627_15 Datasheet HTML 22Page - Linear Technology LTM4627_15 Datasheet HTML 23Page - Linear Technology LTM4627_15 Datasheet HTML 24Page - Linear Technology LTM4627_15 Datasheet HTML 25Page - Linear Technology LTM4627_15 Datasheet HTML 26Page - Linear Technology LTM4627_15 Datasheet HTML 27Page - Linear Technology LTM4627_15 Datasheet HTML 28Page - Linear Technology LTM4627_15 Datasheet HTML 29Page - Linear Technology LTM4627_15 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTM4627
26
4627fc
For more information www.linear.com/LTM4627
TYPICAL APPLICATIONS
Figure 20. 1.2V, 60A, Current Sharing with 4-Phase Operation
COMP
TRACK/SS
RUN
fSET
MODE_PLLIN
PGOOD
VOUT
VOUT_LCL
DIFF_OUT
VOSNS+
VOSNS–
VFB
LTM4627
VIN
RFB2
15k
R1
10k
C22
22µF
16V
R2
100k
4-PHASE CLOCK
C28
0.1µF
270pF
470µF
6.3V
VIN
7V TO 16V
VOUT
1.2V AT 60A
100µF
6.3V
C21
C24
C20
22µF
16V
INTVCC
SGND
GND
C2
1µF
+
EXTVCC
COMP
TRACK/SS
RUN
fSET
MODE_PLLIN
PGOOD
VOUT
VOUT_LCL
DIFF_OUT
VOSNS+
VOSNS–
VFB
LTM4627
VIN
C18
22µF
16V
470µF
6.3V
100µF
6.3V
C15
C18
C14
22µF
16V
INTVCC
INTVCC
INTVCC
SGND
GND
+
EXTVCC
V+
DIV
PH
OUT1
OUT2
SET
MOD
GND
OUT4
OUT3
LTC6902
COMP
TRACK/SS
RUN
fSET
MODE_PLLIN
PGOOD
VOUT
VOUT_LCL
DIFF_OUT
VOSNS+
VOSNS–
VFB
LTM4627
VIN
C9
22µF
16V
470µF
6.3V
100µF
6.3V
C8
C11
C7
22µF
16V
INTVCC
SGND
GND
+
EXTVCC
COMP
TRACK/SS
RUN
fSET
MODE_PLLIN
PGOOD
VOUT
VOUT_LCL
DIFF_OUT
VOSNS+
VOSNS–
VFB
LTM4627
VIN
C1
22µF
16V
470µF
6.3V
100µF
6.3V
C4
C6
C3
22µF
16V
INTVCC
4627 F20
SGND
GND
+
EXTVCC
100k
100k
100k
100k
150pF
150pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com