Electronic Components Datasheet Search
  English  ▼

X  

LTM4627 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 2 Page - Linear Technology

  LTM4627_15 Datasheet HTML 1Page - Linear Technology LTM4627_15 Datasheet HTML 2Page - Linear Technology LTM4627_15 Datasheet HTML 3Page - Linear Technology LTM4627_15 Datasheet HTML 4Page - Linear Technology LTM4627_15 Datasheet HTML 5Page - Linear Technology LTM4627_15 Datasheet HTML 6Page - Linear Technology LTM4627_15 Datasheet HTML 7Page - Linear Technology LTM4627_15 Datasheet HTML 8Page - Linear Technology LTM4627_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTM4627
2
4627fc
For more information www.linear.com/LTM4627
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................. –0.3V to 22V
INTVCC, VOUT (VOUT ≤ 3.3V with
DIFF AMP), VOUT_LCL, PGOOD, EXTVCC....... –0.3V to 6V
MODE_PLLIN, fSET, TRACK/SS,
VOSNS–, VOSNS+, DIFF_OUT...................–0.3V to INTVCC
COMP, VFB................................................. –0.3V to 2.7V
RUN (Note 5) ............................................... –0.3V to 5V
(Note 1)
INTVCC Peak Output Current (Note 6)..................100mA
Internal Operating Temperature Range (Note 2)..............
E and I-Grades................................... –40°C to 125°C
MP-Grade .......................................... –55°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Reflow (Peak Body) Temperature.......................... 250°C
BGA PACKAGE
133-LEAD (15mm
× 15mm × 4.92mm)
1
2
3
4
5
6
7
8
10
9
11
12
B
C
D
E
F
G
H
J
K
L
A
M
TOP VIEW
VOUT
VIN
GND
VOUT
VIN
INTVCC
fSET
COMP
TRACK/SS
MODE_PLLIN
INTVCC
SGND
EXTVCC
VFB
PGOOD
PGOOD
RUN
VOSNS+
DIFF_OUT
VOUT_LCL
VOSNS–
TJ(MAX) = 125°C, θJA = 17.9°C/W, θJCbottom = 5.9°C/W, θJCtop = 15°C/W, θJB = 6.1°C/W,
θ VALUES DETERMINED PER JESD 51-12 USING A JESD 51-9 DEFINED PCB
WEIGHT = 2.8g
LGA PACKAGE
133-LEAD (15mm
× 15mm × 4.32mm)
VIN
1
2
3
4
5
6
7
8
10
9
11
12
B
C
D
E
F
G
H
J
K
L
A
M
INTVCC
fSET
COMP
TRACK/SS
MODE_PLLIN
INTVCC
TOP VIEW
SGND
VOUT
VIN
GND
VOUT
EXTVCC
VFB
PGOOD
PGOOD
RUN
VOSNS+
DIFF_OUT
VOUT_LCL
VOSNS–
TJ(MAX) = 125°C, θJA = 16.6°C/W, θJCbottom = 4.6°C/W, θJCtop = 15°C/W, θJB = 5.1°C/W,
θ VALUES DETERMINED PER JESD 51-12 USING A JESD 51-9 DEFINED PCB
WEIGHT = 2.6g
PIN CONFIGURATION
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(Note 2)
DEVICE
FINISH CODE
LTM4627EV#PBF
Au (RoHS)
LTM4627V
e4
LGA
3
–40°C to 125°C
LTM4627IV#PBF
Au (RoHS)
LTM4627V
e4
LGA
3
–40°C to 125°C
LTM4627EY#PBF
SAC305 (RoHS)
LTM4627Y
e1
BGA
3
–40°C to 125°C
LTM4627IY#PBF
SAC305 (RoHS)
LTM4627Y
e1
BGA
3
–40°C to 125°C
LTM4627IY
SnPb (63/37)
LTM4627Y
e0
BGA
3
–40°C to 125°C
LTM4627MPY#PBF
SAC305 (RoHS)
LTM4627Y
e1
BGA
3
–55°C to 125°C
LTM4627MPY
SnPb (63/37)
LTM4627Y
e0
BGA
3
–55°C to 125°C
Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking:
www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures:
www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings:
www.linear.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com