Electronic Components Datasheet Search
  English  ▼

X  

LTM4627 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4627_15 Datasheet HTML 4Page - Linear Technology LTM4627_15 Datasheet HTML 5Page - Linear Technology LTM4627_15 Datasheet HTML 6Page - Linear Technology LTM4627_15 Datasheet HTML 7Page - Linear Technology LTM4627_15 Datasheet HTML 8Page - Linear Technology LTM4627_15 Datasheet HTML 9Page - Linear Technology LTM4627_15 Datasheet HTML 10Page - Linear Technology LTM4627_15 Datasheet HTML 11Page - Linear Technology LTM4627_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTM4627
8
4627fc
For more information www.linear.com/LTM4627
PIN FUNCTIONS
VOUT_LCL: (L12) This pin connects to VOUT through a 1M
resistor, and to VFB with a 60.4k resistor. The remote sense
amplifier output DIFF_OUT is connected to VOUT_LCL, and
drives the 60.4k top feedback resistor in remote sensing
applications. When the remote sense amplifier is used,
DIFF_OUT effectively eliminates the 1MΩ from VOUT to
VOUT_LCL. When the remote sense amplifier is not used,
then connect VOUT_LCL to VOUT directly.
VOSNS+: (J12) (+) Input to the Remote Sense Amplifier.
This pin connects to the output remote sense point. The
remote sense amplifier is used for VOUT ≤ 3.3V. Connect
to ground when not used.
VOSNS–: (M12) (–) Input to the Remote Sense Amplifier.
This pin connects to the ground remote sense point. The
remote sense amplifier is used for VOUT ≤ 3.3V. Connect
to ground when not used.
DIFF_OUT: (K12) Output of the Remote Sense Amplifier.
This pin connects to the VOUT_LCL pin for remote sense
applications. Otherwise float when not used.
MTP1, MTP2, MTP3, MTP4, MTP5, MTP6, MTP7, MTP8
(A12, B11, C10, C11, C12, D10, D11, D12): Extra mount-
ing pads used for increased solder integrity strength.
Leave floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com