Electronic Components Datasheet Search
  English  ▼

X  

LTM4627 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 4 Page - Linear Technology

  LTM4627_15 Datasheet HTML 1Page - Linear Technology LTM4627_15 Datasheet HTML 2Page - Linear Technology LTM4627_15 Datasheet HTML 3Page - Linear Technology LTM4627_15 Datasheet HTML 4Page - Linear Technology LTM4627_15 Datasheet HTML 5Page - Linear Technology LTM4627_15 Datasheet HTML 6Page - Linear Technology LTM4627_15 Datasheet HTML 7Page - Linear Technology LTM4627_15 Datasheet HTML 8Page - Linear Technology LTM4627_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTM4627
4
4627fc
For more information www.linear.com/LTM4627
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VOSNS+ = VDIFF_OUT = 1.5V, IDIFF_OUT = 100µA
2
mV
AV
Differential Gain
(Note 7)
1
V/V
SR
Slew Rate
(Note 6)
2
V/µs
GBP
Gain Bandwidth Product
(Note 6)
3
MHz
CMRR
Common Mode Rejection
(Note 7)
60
dB
IDIFF_OUT
DIFF_OUT Current
Sourcing
2
mA
PSRR
Power Supply Rejection
Ratio
5V < VIN < 20V (Note 7)
100
dB
RIN
Input Resistance
VOSNS+ to GND
80
kΩ
VPGOOD
PGOOD Trip Level
VFB With Respect to Set Output
VFB Ramping Negative
VFB Ramping Positive
–10
10
%
%
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 20V
4.8
5
5.2
V
VINTVCC Load Reg INTVCC Load Regulation
ICC = 0 to 50mA
0.5
%
VEXTVCC
External VCC Switchover
EXTVCC Ramping Positive
l
4.5
4.7
V
VLDO Ext
EXTVCC Voltage Drop
ICC = 25mA, VEXTVCC = 5V
50
100
mV
Oscillator and Phase-Locked Loop
fSYNC
Frequency Sync Capture
Range
MODE_PLLIN Clock Duty Cycle = 50%
250
800
kHz
fNOM
Nominal Frequency
VfSET = 1.2V
450
500
550
kHz
fLOW
Lowest Frequency
VfSET = 1V
350
400
450
kHz
fHIGH
Highest Frequency
VfSET ≥ 2.4V
700
770
850
kHz
IFREQ
Frequency Set Current
9
10
11
µA
RMODE_PLLIN
MODE_PLLIN Input
Resistance
250
kΩ
VIH_MODE_PLLIN
Clock Input Level High
2.0
V
VIL_MODE_PLLIN
Clock Input Level Low
0.8
V
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = 12V, per the typical application in Figure 18.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4627 is tested under pulsed load conditions such that
TJ ≈ TA. The LTM4627E is guaranteed to meet performance specifications
over the 0°C to 125°C internal operating temperature range. Specifications
over the –40°C to 125°C internal operating temperature range are assured
by design, characterization and correlation with statistical process
controls. The LTM4627I is guaranteed to meet specifications over the
–40°C to 125°C internal operating temperature range. The LTM4627MP
is guaranteed and tested over the –55°C to 125°C internal operating
temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
resistance and other environmental factors.
Note 3: The minimum on-time condition is specified for a peak-to-peak
inductor ripple current of ~40% of IMAX Load. (See the Applications
Information section)
Note 4: See output current derating curves for different VIN, VOUT and TA.
Note 5: Limit current into the RUN pin to less than 2mA.
Note 6: Guaranteed by design.
Note 7: 100% tested at wafer level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com