Electronic Components Datasheet Search
  English  ▼

X  

LTM4627 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM4627
Description  15A DC/DC Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM4627_15 Datasheet HTML 13Page - Linear Technology LTM4627_15 Datasheet HTML 14Page - Linear Technology LTM4627_15 Datasheet HTML 15Page - Linear Technology LTM4627_15 Datasheet HTML 16Page - Linear Technology LTM4627_15 Datasheet HTML 17Page - Linear Technology LTM4627_15 Datasheet HTML 18Page - Linear Technology LTM4627_15 Datasheet HTML 19Page - Linear Technology LTM4627_15 Datasheet HTML 20Page - Linear Technology LTM4627_15 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LTM4627
17
4627fc
For more information www.linear.com/LTM4627
APPLICATIONS INFORMATION
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configura-
tion section of the data sheet are consistent with those
parameters defined by JESD 51-12 and are intended for
use with finite element analysis (FEA) software modeling
toolsthatleveragetheoutcomeofthermalmodeling,simu-
lation, and correlation to hardware evaluation performed
on a µModule package mounted to a hardware test board
defined by JESD 51-9 (“Test Boards for Area Array Surface
Mount Package Thermal Measurements”). The motiva-
tion for providing these thermal coefficients is found in
JESD51-12(“GuidelinesforReportingandUsingElectronic
Package Thermal Information”).
Many designers, in lieu of or to compliment any FEA ac-
tivities, may opt to use laboratory equipment and a test
vehicle such as the demo board to anticipate the µModule
regulator’s thermal performance in their application at
variouselectricalandenvironmentaloperatingconditions.
Without FEA software, the thermal resistances reported in
thePinConfigurationsectionarein-and-ofthemselvesnot
relevant to providing guidance of thermal performance;
instead,thederatingcurvesprovidedlaterinthisdatasheet
can be used in a manner that yields insight and guidance
pertaining to one’s application-usage, and can be adapted
tocorrelatethermalperformancetoone’sownapplication.
The Pin Configuration section gives four thermal coeffi-
cients explicitly defined in JESD 51-12; these coefficients
are quoted or paraphrased below:
1
θJA, the thermal resistance from junction to ambient, is
the natural convection junction-to-ambient air thermal
resistance measured in a one cubic foot sealed enclo-
sure.Thisenvironmentissometimesreferredtoas“still
air” although natural convection causes the air to move.
This value is determined with the part mounted to a
JESD 51-9 defined test board, which does not reflect
an actual application or viable operating condition.
2
θJCbottom, the thermal resistance from junction to the
bottom of the product case, is determined with all of
the component power dissipation flowing through the
bottom of the package. In the typical µModule regulator,
the bulk of the heat flows out the bottom of the pack-
age, but there is always heat flow out into the ambient
environment. As a result, this thermal resistance value
may be useful for comparing packages but the test
conditions don’t generally match the user’s application.
3
θJCtop, the thermal resistance from junction to top of
the product case, is determined with nearly all of the
componentpowerdissipationflowingthroughthetopof
the package. As the electrical connections of the typical
µModule regulator are on the bottom of the package, it
is rare for an application to operate such that most of
the heat flows from the junction to the top of the part.
As in the case of
θJCbottom, this value may be useful
for comparing packages but the test conditions don’t
generally match the user’s application.
4
θJB, the thermal resistance from junction to the printed
circuit board, is the junction-to-board thermal resis-
tance where almost all of the heat flows through the
bottom of the µModule package and into the board,
and is really the sum of the
θJCbottom and the thermal
resistance of the bottom of the part through the solder
joints and through a portion of the board. The board
temperature is measured at a specified distance from
the package, using a two sided, two layer board. This
board is described in JESD 51-9.
A graphical representation of the aforementioned ther-
mal resistances is given in Figure 6; blue resistances are
contained within the µModule regulator, whereas green
resistances are external to the µModule package.
As a practical matter, it should be clear to the reader that
no individual or sub-group of the four thermal resistance
parameters defined by JESD 51-12 or provided in the
Pin Configuration section replicates or conveys normal
operating conditions of a µModule regulator. For example,
in normal board-mounted applications, never does 100%
of the device’s total power loss (heat) thermally conduct
exclusively through the top or exclusively through bot-
tom of the µModule package—as the standard defines
for
θJCtop and θJCbottom, respectively. In practice, power
loss is thermally dissipated in both directions away from
the package—granted, in the absence of a heat sink and
airflow, a majority of the heat flow is into the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com