Electronic Components Datasheet Search
  English  ▼

X  

MAX186AEAP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX186AEAP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186AEAP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX186AEAP Datasheet HTML 7Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 8Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 9Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 10Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 11Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 12Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 13Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 14Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
2) Use a general-purpose I/O line on the CPU to pull
CS on the MAX186/MAX188 low.
3) Transmit TB1 and simultaneously receive a byte
and call it RB1. Ignore RB1.
4) Transmit a byte of all zeros ($00 HEX) and simulta-
neously receive byte RB2.
5) Transmit a byte of all zeros ($00 HEX) and simulta-
neously receive byte RB3.
6) Pull
CS on the MAX186/MAX188 high.
Figure 6 shows the timing for this sequence. Bytes RB2
and RB3 will contain the result of the conversion
padded with one leading zero and three trailing zeros.
The total conversion time is a function of the serial
clock frequency and the amount of dead time between
8-bit transfers. Make sure that the total conversion time
does not exceed 120µs, to avoid excessive T/H droop.
Digital Output
In unipolar input mode, the output is straight binary
(see Figure 15). For bipolar inputs, the output is
twos-complement (see Figure 16). Data is clocked out
at the falling edge of SCLK in MSB-first format.
Low-Power, 8-Channel,
Serial 12-Bit ADCs
______________________________________________________________________________________
11
SEL2
SEL1
SEL0
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
AGND
00
0
+
–
10
0
+
–
00
1
+
–
10
1
+
–
01
0
+
–
11
0
+
–
01
1
+
–
11
1
+
–
Table 3. Channel Selection in Single-Ended Mode (SGL/
DIFF = 1)
SEL2
SEL1
SEL0
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
00
0
+
–
00
1
+
–
01
0
+
–
01
1
+–
10
0
–
+
10
1
–
+
11
0
–
+
11
1
–+
Table 4. Channel Selection in Differential Mode (SGL/
DIFF = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com