Electronic Components Datasheet Search
  English  ▼

X  

MAX186AEAP Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX186AEAP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186AEAP Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX186AEAP Datasheet HTML 8Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 9Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 10Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 11Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 12Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 13Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 14Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 15Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Internal and External Clock Modes
The MAX186/MAX188 may use either an external serial
clock
or
the
internal
clock
to
perform
the
successive-approximation conversion. In both clock
modes, the external clock shifts data in and out of the
MAX186/MAX188. The T/H acquires the input signal as
the last three bits of the control byte are clocked into
DIN. Bits PD1 and PD0 of the control byte program the
clock mode. Figures 7 through 10 show the timing
characteristics common to both modes.
External Clock
In external clock mode, the external clock not only shifts
data in and out, it also drives the analog-to-digital con-
version steps. SSTRB pulses high for one clock period
after the last bit of the control byte. Successive-approxi-
mation bit decisions are made and appear at DOUT on
each of the next 12 SCLK falling edges (see Figure 6).
SSTRB and DOUT go into a high-impedance state when
CS goes high; after the next CS falling edge, SSTRB will
output a logic low. Figure 8 shows the SSTRB timing in
external clock mode.
The conversion must complete in some minimum time, or
else droop on the sample-and-hold capacitors may
degrade conversion results. Use internal clock mode if the
clock period exceeds 10µs, or if serial-clock interruptions
could cause the conversion interval to exceed 120µs.
Low-Power, 8-Channel,
Serial 12-Bit ADCs
12
______________________________________________________________________________________
SSTRB
CS
SCLK
DIN
DOUT
14
8
12
16
20
24
START SEL2 SEL1 SEL0
UNI/
BIP
SCL/
DIFF PD1 PD0
B11
MSB
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
LSB
ACQUISITION
1.5µs (CLK = 2MHz)
IDLE
FILLED WITH
ZEROS
IDLE
CONVERSION
tACQ
A/D STATE
RB1
RB2
RB3
• • •
• • •
• • •
• • •
CS
SCLK
DIN
DOUT
tCSH
tCSS
tCL
tDS
tDH
tDV
tCH
tDO
tTR
tCSH
Figure 6. 24-Bit External Clock Mode Conversion Timing (SPI, QSPI and Microwire Compatible)
Figure 7. Detailed Serial-Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com