Electronic Components Datasheet Search
  English  ▼

X  

MAX186AEAP Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX186AEAP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186AEAP Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX186AEAP Datasheet HTML 16Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 17Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 18Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 19Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 20Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 21Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 22Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 23Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Low-Power, 8-Channel,
Serial 12-Bit ADCs
______________________________________________________________________________________
23
TMS320C3x to MAX186 Interface
Figure 22 shows an application circuit to interface the
MAX186/MAX188 to the TMS320 in external clock
mode. The timing diagram for this interface circuit is
shown in Figure 23.
Use the following steps to initiate a conversion in the
MAX186/MAX188 and to read the results:
1) The TMS320 should be configured with CLKX (trans-
mit clock) as an active-high output clock and CLKR
(TMS320 receive clock) as an active-high input clock.
CLKX and CLKR of the TMS320 are tied together with
the SCLK input of the MAX186/MAX188.
2) The MAX186/MAX188
CS is driven low by the XF_
I/O port of the TMS320 to enable data to be clocked
into DIN of the MAX186/MAX188.
3) An 8-bit word (1XXXXX11) should be written to the
MAX186/MAX188 to initiate a conversion and place
the device into external clock mode. Refer to Table
2 to select the proper XXXXX bit values for your spe-
cific application.
4) The SSTRB output of the MAX186/MAX188 is moni-
tored via the FSR input of the TMS320. A falling
edge on the SSTRB output indicates that the conver-
sion is in progress and data is ready to be received
from the MAX186/MAX188.
XF
CLKX
CLKR
DX
DR
FSR
CS
SCLK
DIN
DOUT
SSTRB
TMS320C3x
MAX186
MAX188
Figure 22. MAX186/MAX188 to TMS320 Serial Interface
• • • •
• • • •
• • • •
• • • •
CS
SCLK
SSTRB
DIN
Figure 21. QSPI Assembly-Code Timing
5) The TMS320 reads in one data bit on each of the
next 16 rising edges of SCLK. These data bits rep-
resent the 12-bit conversion result followed by four
trailing bits, which should be ignored.
6) Pull
CS high to disable the MAX186/MAX188 until
the next conversion is initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com