Electronic Components Datasheet Search
  English  ▼

X  

MAX186AEAP Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX186AEAP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186AEAP Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX186AEAP Datasheet HTML 10Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 11Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 12Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 13Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 14Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 15Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 16Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 17Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Data Framing
The falling edge of
CS does not start a conversion on the
MAX186/MAX188. The first logic high clocked into DIN is
interpreted as a start bit and defines the first bit of the
control byte. A conversion starts on the falling edge of
SCLK, after the eighth bit of the control byte (the PD0 bit)
is clocked into DIN. The start bit is defined as:
The first high bit clocked into DIN with
CS low any-
time the converter is idle, e.g. after VCC is applied.
OR
The first high bit clocked into DIN after bit 5 of a
conversion in progress is clocked onto the DOUT pin.
If a falling edge on
CS forces a start bit before bit 5
(B5) becomes available, then the current conversion
will be terminated and a new one started. Thus, the
fastest the MAX186/MAX188 can run is 15 clocks per
conversion. Figure 11a shows the serial-interface timing
necessary to perform a conversion every 15 SCLK
cycles in external clock mode. If
CS is low and SCLK is
continuous, guarantee a start bit by first clocking in 16
zeros.
Most microcontrollers require that conversions occur in
multiples of 8 SCLK clocks; 16 clocks per conversion
will typically be the fastest that a microcontroller can
drive the MAX186/MAX188. Figure 11b shows the
serial-interface timing necessary to perform a conver-
sion every 16 SCLK cycles in external clock mode.
__________ Applications Information
Power-On Reset
When power is first applied and if
SHDN is not pulled
low, internal power-on reset circuitry will activate the
MAX186/MAX188 in internal clock mode, ready to con-
vert with SSTRB = high. After the power supplies have
been stabilized, the internal reset time is 100µs and no
conversions should be performed during this phase.
SSTRB is high on power-up and, if
CS is low, the first
logical 1 on DIN will be interpreted as a start bit. Until a
conversion takes place, DOUT will shift out zeros.
Reference-Buffer Compensation
In addition to its shutdown function, the
SHDN pin also
selects internal or external compensation. The compen-
sation affects both power-up time and maximum conver-
sion speed. Compensated or not, the minimum clock
rate is 100kHz due to droop on the sample-and-hold.
To select external compensation, float
SHDN. See the
Typical Operating Circuit, which uses a 4.7µF capacitor at
VREF. A value of 4.7µF or greater ensures stability and
allows operation of the converter at the full clock speed of
2MHz. External compensation increases power-up time (see
the
Choosing Power-Down Mode section, and Table 5).
Internal compensation requires no external capacitor at
VREF, and is selected by pulling
SHDN high. Internal com-
pensation allows for shortest power-up times, but is only
available using an external clock and reduces the maxi-
mum clock rate to 400kHz.
Low-Power, 8-Channel,
Serial 12-Bit ADCs
14
______________________________________________________________________________________
PD0 CLOCK IN
tSSTRB
tCSH
tCONV
tSCK
SSTRB
• • •
SCLK
• • •
tCSS
NOTE: FOR BEST NOISE PERFORMANCE, KEEP SCLK LOW DURING CONVERSION.
CS
• • •
Figure 10. Internal Clock Mode SSTRB Detailed Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com