Electronic Components Datasheet Search
  English  ▼

X  

MAX186AEAP Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX186AEAP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186AEAP Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX186AEAP Datasheet HTML 13Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 14Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 15Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 16Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 17Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 18Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 19Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 20Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Low-Power, 8-Channel,
Serial 12-Bit ADCs
______________________________________________________________________________________
17
FULL
POWER-DOWN
POWERED
UP
POWERED UP
DATA VALID
DATA VALID
INTERNAL CLOCK MODE
SX XXXX 10
S
0 0
XX
X
X
X
S
MODE
DOUT
DIN
CLOCK
MODE
SETS INTERNAL
CLOCK MODE
SETS FULL
POWER-DOWN
CONVERSION
CONVERSION
SSTRB
10 0
DIN
REFADJ
VREF
2.5V
0V
4V
0V
10 1
1
1
11
0 0
10 1
FULLPD
FASTPD
NOPD
FULLPD
FASTPD
2ms WAIT
COMPLETE CONVERSION SEQUENCE
tBUFFEN ≈ 15µs
τ = RC = 20kΩ x CREFADJ
(ZEROS)
CH1
CH7
(ZEROS)
Hardware Power-Down
The
SHDN pin places the converter into the full
power-down mode. Unlike with the software shut-down
modes, conversion is not completed. It stops coinci-
dentally with
SHDN being brought low. There is no
power-up delay if an external reference is used and is
not shut down. The
SHDN pin also selects internal or
external reference compensation (see Table 7).
Power-Down Sequencing
The MAX186/MAX188 auto power-down modes can
save considerable power when operating at less than
maximum sample rates. The following discussion illus-
trates the various power-down sequences.
Lowest Power at up to 500
Conversions/Channel/Second
The following examples illustrate two different power-down
sequences. Other combinations of clock rates, compen-
sation modes, and power-down modes may give lowest
power consumption in other applications.
Figure 14a depicts the MAX186 power consumption for
one or eight channel conversions utilizing full
power-down mode and internal reference compensation.
A 0.01µF bypass capacitor at REFADJ forms an RC filter
with the internal 20k
Ω reference resistor with a 0.2ms
time constant. To achieve full 12-bit accuracy, 10 time
constants or 2ms are required after power-up. Waiting
2ms in FASTPD mode instead of full power-up will reduce
the power consumption by a factor of 10 or more. This is
achieved by using the sequence shown in Figure 13.
Figure 12b. Timing Diagram Power-Down Modes, Internal Clock
Figure 13. MAX186 FULLPD/FASTPD Power-Up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com