Electronic Components Datasheet Search
  English  ▼

X  

MAX186AEAP Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX186AEAP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186AEAP Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX186AEAP Datasheet HTML 11Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 12Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 13Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 14Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 15Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 16Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 17Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 18Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Power-Down
Choosing Power-Down Mode
You can save power by placing the converter in a
low-current shutdown state between conversions.
Select full power-down or fast power-down mode via
bits 7 and 8 of the DIN control byte with
SHDN high or
floating (see Tables 2 and 6). Pull
SHDN low at any time
to shut down the converter completely.
SHDN overrides
bits 7 and 8 of DIN word (see Table 7).
Full power-down mode turns off all chip functions that draw
quiescent current, reducing IDD and ISS typically to 2µA.
Fast power-down mode turns off all circuitry except the
bandgap reference. With the fast power-down mode, the
supply current is 30µA. Power-up time can be shortened
to 5µs in internal compensation mode.
In both software shutdown modes, the serial interface
remains operational, however, the ADC will not convert.
Table 5 illustrates how the choice of reference-buffer
compensation and power-down mode affects both
power-up delay and maximum sample rate.
In external compensation mode, the power-up time is
20ms with a 4.7µF compensation capacitor (200ms with
a 33µF capacitor) when the capacitor is fully discharged.
In fast power-down, you can eliminate start-up time by
using low-leakage capacitors that will not discharge
more than 1/2LSB while shut down. In shutdown, the
capacitor has to supply the current into the reference
(1.5µA typ) and the transient currents at power-up.
Figures 12a and 12b illustrate the various power-down
sequences in both external and internal clock modes.
Software Power-Down
Software power-down is activated using bits PD1 and
PD0 of the control byte. As shown in Table 6, PD1 and
PD0 also specify the clock mode. When software shut-
down is asserted, the ADC will continue to operate in
the last specified clock mode until the conversion is
complete. Then the ADC powers down into a low quies-
cent-current state. In internal clock mode, the interface
remains active and conversion results may be clocked
out while the MAX186/MAX188 have already entered a
software power-down.
The first logical 1 on DIN will be interpreted as a start
bit, and powers up the MAX186/MAX188. Following the
start bit, the data input word or control byte also deter-
mines clock and power-down modes. For example, if
the DIN word contains PD1 = 1, then the chip will
remain powered up. If PD1 = 0, a power-down will
resume after one conversion.
Low-Power, 8-Channel,
Serial 12-Bit ADCs
______________________________________________________________________________________
15
SCLK
DIN
DOUT
CS
S
CONTROL BYTE 0
CONTROL BYTE 1
S
CONVERSION RESULT 0
B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
CONVERSION RESULT 1
SSTRB
B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
CONTROL BYTE 2
S
1
81
8
1
CS
SCLK
DIN
DOUT
S
CONTROL BYTE 0
CONTROL BYTE 1
S
CONVERSION RESULT 0
B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
B11 B10 B9 B8
CONVERSION RESULT 1
• • •
• • •
• • •
• • •
Figure 11a. External Clock Mode, 15 Clocks/Conversion Timing
Figure 11b. External Clock Mode, 16 Clocks/Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com