Electronic Components Datasheet Search
  English  ▼

X  

MAX186AEAP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX186AEAP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186AEAP Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX186AEAP Datasheet HTML 1Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 2Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 3Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 4Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 5Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 6Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 7Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 8Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Low-Power, 8-Channel,
Serial 12-Bit ADCs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V ±5%; VSS = 0V or -5V; fCLK = 2.0MHz, external clock (50% duty cycle); 15 clocks/conversion cycle (133ksps); MAX186—
4.7µF capacitor at VREF pin; MAX188—external reference, VREF = 4.096V applied to VREF pin; TA = TMIN to TMAX, unless otherwise
noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
Internal compensation mode
0
µF
Capacitive Bypass at VREF
External compensation mode
4.7
MAX186
1.678
V/V
MAX188
1.638
MAX186
±50
µA
REFADJ Input Current
MAX188
±5
VINH
2.4
V
VINL
0.8
V
DIN, SCLK,
CS Input Hysteresis
VHYST
0.15
V
DIN, SCLK,
CS Input Leakage
IIN
VIN = 0V or VDD
±1
µA
CIN
(Note 6)
15
pF
SHDN Input High Voltage
VINH
VDD - 0.5
V
SHDN Input Low Voltage
VINL
0.5
V
SHDN Input Current, High
IINH
SHDN = VDD
4.0
µA
SHDN Input Current, Low
IINL
SHDN = 0V
-4.0
µA
SHDN Input Mid Voltage
VIM
V
SHDN Voltage, Floating
VFLT
SHDN = open
2.75
V
SHDN = open
-100
100
nA
ISINK = 5mA
0.4
Output Voltage Low
VOL
ISINK = 16mA
0.3
V
Output Voltage High
VOH
ISOURCE = 1mA
4
V
Three-State Leakage Current
IL
CS = 5V
±10
µA
Three-State Output Capacitance
COUT
CS = 5V (Note 6)
15
pF
Positive Supply Voltage
VDD
5 ±5%
V
DIN, SCLK,
CS Input Capacitance
SHDN Max Allowed Leakage,
Mid Input
Negative Supply Voltage
VSS
0 or
-5 ±5%
V
Operating mode
1.5
2.5
Fast power-down
30
70
Positive Supply Current
IDD
Full power-down
210
Operating mode and fast power-down
50
Negative Supply Current
ISS
Full power-down
10
µA
mA
µA
DIN, SCLK,
CS Input Low Voltage
DIN, SCLK,
CS Input High Voltage
1.5
VDD -1.5
DIGITAL INPUTS (DIN, SCLK,
CS, SHDN)
DIGITAL OUTPUTS (DOUT, SSTRB)
POWER REQUIREMENTS
UNITS
EXTERNAL REFERENCE AT REFADJ
Reference-Buffer Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com