Electronic Components Datasheet Search
  English  ▼

X  

MAX186AEAP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX186AEAP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186AEAP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX186AEAP Datasheet HTML 3Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 4Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 5Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 6Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 7Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 8Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 9Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 10Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Digital Ground
Positive Supply Voltage, +5V ±5%
Low-Power, 8-Channel,
Serial 12-Bit ADCs
_______________________________________________________________________________________
7
PIN
NAME
FUNCTION
12
REFADJ
13
AGND
Analog Ground. Also IN- Input for single-ended conversions.
14
DGND
15
DOUT
Serial Data Output. Data is clocked out at the falling edge of SCLK. High impedance when
CS is high.
16
SSTRB
17
DIN
18
CS
19
SCLK
Input to the Reference-Buffer Amplifier. To disable the reference-buffer amplifier, tie REFADJ to
VDD.
Serial Clock Input. Clocks data in and out of serial interface. In external clock mode, SCLK also sets
the conversion speed. (Duty cycle must be 40% to 60% in external clock mode.)
Serial Strobe Output. In internal clock mode, SSTRB goes low when the MAX186/MAX188 begin the
A/D conversion and goes high when the conversion is done. In external clock mode, SSTRB pulses
high for one clock period before the MSB decision. High impedance when
CS is high (external mode).
Active-Low Chip Select. Data will not be clocked into DIN unless
CS is low. When CS is high, DOUT
is high impedance.
Serial Data Input. Data is clocked in at the rising edge of SCLK.
20
VDD
+5V
3k
CLOAD
DGND
DOUT
CLOAD
DGND
3k
DOUT
a. High-Z to VOH and VOL to VOH
b. High-Z to VOL and VOH to VOL
+5V
3k
CLOAD
DGND
DOUT
CLOAD
DGND
3k
DOUT
a VOH to High-Z
b VOL to High-Z
Figure 1. Load Circuits for Enable Time
Figure 2. Load Circuits for Disabled Time
INPUT
SHIFT
REGISTER
CONTROL
LOGIC
INT
CLOCK
OUTPUT
SHIFT
REGISTER
+2.46V
REFERENCE
(MAX186)
T/H
ANALOG
INPUT
MUX
12-BIT
SAR
ADC
IN
DOUT
SSTRB
VDD
DGND
VSS
SCLK
DIN
CH0
CH1
CH3
CH2
CH7
CH6
CH5
CH4
AGND
REFADJ
VREF
OUT
REF
CLOCK
+4.096V
20k
≈ 1.65
1
2
3
4
5
6
7
8
10
11
12
13
15
16
17
18
19
MAX186
MAX188
CS
SHDN
A
20
14
9
Figure 3. Block Diagram
________________________________________________Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com