Electronic Components Datasheet Search
  English  ▼

X  

MAX186AEAP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX186AEAP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186AEAP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX186AEAP Datasheet HTML 1Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 2Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 3Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 4Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 5Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 6Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 7Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 8Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Note 1: Tested at VDD = 5.0V; VSS = 0V; unipolar input mode.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range has
been calibrated.
Note 3: MAX186 – internal reference, offset nulled; MAX188 – external reference (VREF = +4.096V), offset nulled.
Note 4: Ground on-channel; sine wave applied to all off channels.
Note 5: Conversion time defined as the number of clock cycles times the clock period; clock has 50% duty cycle.
Note 6: Guaranteed by design. Not subject to production testing.
Note 7: External load should not change during conversion for specified accuracy.
Note 8: Measured at VSUPPLY +5% and VSUPPLY -5% only.
Note 9: The common-mode range for the analog inputs is from VSS to VDD.
Low-Power, 8-Channel,
Serial 12-Bit ADCs
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
UNITS
Positive Supply Rejection
(Note 8)
PSR
±0.06
±0.5
mV
Negative Supply Rejection
(Note 8)
PSR
VSS = -5V ±5%; external reference, 4.096V;
full-scale input
±0.01
±0.5
mV
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V ±5%; VSS = 0V or -5V; fCLK = 2.0MHz, external clock (50% duty cycle); 15 clocks/conversion cycle (133ksps); MAX186—
4.7µF capacitor at VREF pin; MAX188—external reference, VREF = 4.096V applied to VREF pin; TA = TMIN to TMAX, unless otherwise
noted.)
TIMING CHARACTERISTICS
(VDD = 5V ±5%; VSS =0V or -5V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
UNITS
SCLK Pulse Width Low
tCL
200
ns
SCLK Fall to SSTRB
tSSTRB
CLOAD = 100pF
200
ns
tSDV
External clock mode only, CLOAD = 100pF
200
ns
tSTR
External clock mode only, CLOAD = 100pF
200
ns
tSCK
Internal clock mode only
0
ns
Acquisition Time
tAZ
1.5
µs
DIN to SCLK Setup
tDS
100
ns
DIN to SCLK Hold
tDH
0
ns
CLOAD = 100pF
20
150
ns
SCLK Fall to Output Data Valid
tDO
20
200
ns
CS Fall to Output Enable
tDV
CLOAD = 100pF
100
ns
CS Rise to Output Disable
tTR
CLOAD = 100pF
100
ns
CS to SCLK Rise Setup
tCSS
100
ns
CS to SCLK Rise Hold
tCSH
0
ns
SCLK Pulse Width High
tCH
200
ns
MAX18_ _C/E
MAX18_ _M
SSTRB Rise to SCLK Rise
(Note 6)
CS Fall to SSTRB Output Enable
(Note 6)
VDD = 5V ±5%; external reference, 4.096V;
full-scale input
MIN
TYP
MAX
MIN
TYP
MAX
CS Rise to SSTRB Output Disable
(Note 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com