Electronic Components Datasheet Search
  English  ▼

X  

MAX186AEAP Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX186AEAP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186AEAP Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX186AEAP Datasheet HTML 16Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 17Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 18Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 19Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 20Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 21Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 22Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 23Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
MAX186EVKIT-DIP
Through-Hole
MAX188_MJP
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
24
____________________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Low-Power, 8-Channel,
Serial 12-Bit ADCs
PART†
PIN-PACKAGE
MAX188_CPP
20 Plastic DIP
MAX188_CWP
20 SO
MAX188_CAP
20 SSOP
MAX188DC/D
Dice*
MAX188_EPP
Plastic DIP
-55°C to +125°C
TEMP. RANGE
0°C to +70°C
0°C to +70°C
0°C to +70°C
-40°C to +85°C
20 CERDIP**
MAX188_EWP
20 SO
MAX188_EAP
-40°C to +85°C
20 SSOP
_Ordering Information (continued)
CS
SCLK
DIN
SSTRB
DOUT
START
SEL2
SEL1
SEL0
UNI/BIP SGL/DIF
PD1
PD0
MSB
B10
B1
LSB
HIGH
IMPEDANCE
HIGH
IMPEDANCE
Figure 23. TMS320 Serial Interface Timing Diagram
___________________Chip Topography
VDD
I/O
SCK (SK)*
MOSI (SO)
MISO (SI)
VSS
SHDN
SSTRB
DOUT
DIN
SCLK
CS
VSS
AGND
DGND
VDD
REFADJ
CH7
C3
0.1µF
C4
0.1µF
CH0
+5V
C2
0.01µF
0V to
4.096V
ANALOG
INPUTS
MAX186
CPU
C1
4.7µF
VREF
__________Typical Operating Circuit
PART
BOARD TYPE
TEMP. RANGE
0°C to +70°C
0°C to +70°C
-40°C to +85°C
† NOTE: Parts are offered in grades A, B, C and D (grades defined
in Electrical Characteristics). When ordering, please specify grade.
* Dice are specified at +25°C, DC parameters only.
* * Contact factory for availability and processing to MIL-STD-883.
CH2
CH7
CH6
CH5
CH4
CH3
CH0
CH1
VDD
SCLK
CS
DIN
SSTRB
DOUT
DGND
AGND
AGND
VSS SHDN
VREF REFADJ
0.151"
(3.84 mm)
0.117"
(2.97 mm)
MAX186/MAX188
TRANSISTOR COUNT: 2278;
SUBSTRATE CONNECTED TO VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com