Electronic Components Datasheet Search
  English  ▼

X  

MAX186AEAP Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX186AEAP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186AEAP Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX186AEAP Datasheet HTML 14Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 15Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 16Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 17Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 18Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 19Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 20Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 21Page - Maxim Integrated Products MAX186AEAP Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Lowest Power at Higher Throughputs
Figure 14b shows the power consumption with
external-reference compensation in fast power-down,
with one and eight channels converted. The external
4.7µF compensation requires a 50µs wait after power-up,
accomplished by 75 idle clocks after a dummy conver-
sion. This circuit combines fast multi-channel conversion
with lowest power consumption possible. Full
power-down mode may provide increased power sav-
ings in applications where the MAX186/MAX188 are
inactive for long periods of time, but where intermittent
bursts of high-speed conversions are required.
External and Internal References
The MAX186 can be used with an internal or external
reference, whereas an external reference is required for
the MAX188. Diode D1 shown in the
Typical Operating
Circuit ensures correct start-up. Any standard signal
diode can be used. For both parts, an external refer-
ence can either be connected directly at the VREF ter-
minal or at the REFADJ pin.
An internal buffer is designed to provide 4.096V at
VREF for both the MAX186 and MAX188. The
MAX186’s internally trimmed 2.46V reference is
buffered with a gain of 1.678. The MAX188's buffer is
trimmed with a buffer gain of 1.638 to scale an external
2.5V reference at REFADJ to 4.096V at VREF.
MAX186 Internal Reference
The full-scale range of the MAX186 with internal reference
is 4.096V with unipolar inputs, and ±2.048V with bipolar
inputs. The internal reference voltage is adjustable to
±1.5% with the Reference-Adjust Circuit of Figure 17.
External Reference
With both the MAX186 and MAX188, an external refer-
ence can be placed at either the input (REFADJ) or the
output (VREF) of the internal buffer amplifier. The
REFADJ input impedance is typically 20k
Ω for the
MAX186 and higher than 100k
Ω for the MAX188, where
the internal reference is omitted. At VREF, the input
impedance is a minimum of 12k
Ω for DC currents.
During conversion, an external reference at VREF must
be able to deliver up to 350µA DC load current and have
an output impedance of 10
Ω or less. If the reference has
higher output impedance or is noisy, bypass it close to
the VREF pin with a 4.7µF capacitor.
Low-Power, 8-Channel,
Serial 12-Bit ADCs
18
______________________________________________________________________________________
1000
1
0
100
300
500
MAX186
FULL POWER-DOWN
10
100
CONVERSIONS PER CHANNEL PER SECOND
200
400
2ms FASTPD WAIT
400kHz EXTERNAL CLOCK
INTERNAL COMPENSATION
50
150
250
350
450
8 CHANNELS
1 CHANNEL
10,000
10
0
MAX186/MAX188
FAST POWER-DOWN
100
1000
CONVERSIONS PER CHANNEL PER SECOND
2k
8 CHANNELS
1 CHANNEL
4k
6k
8k
10k
12k
14k
16k
18k
2MHz EXTERNAL CLOCK
EXTERNAL COMPENSATION
50µs WAIT
Figure 14a. MAX186 Supply Current vs. Sample Rate/Second,
FULLPD, 400kHz Clock
Figure 14b. MAX186/MAX188 Supply Current vs. Sample
Rate/Second, FASTPD, 2MHz Clock
3.0
2.5
2.0
1.5
1.0
0.5
0
0.0001
0.001
0.01
0.1
1
10
TIME IN SHUTDOWN (sec)
Figure 14c. Typical Power-Up Delay vs. Time in Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com