Electronic Components Datasheet Search
  English  ▼

X  

IR3598 Datasheet(PDF) 18 Page - International Rectifier

Part # IR3598
Description  Dual/Doubler Interleaved MOSFET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3598 Datasheet(HTML) 18 Page - International Rectifier

Back Button IR3598 Datasheet HTML 13Page - International Rectifier IR3598 Datasheet HTML 14Page - International Rectifier IR3598 Datasheet HTML 15Page - International Rectifier IR3598 Datasheet HTML 16Page - International Rectifier IR3598 Datasheet HTML 17Page - International Rectifier IR3598 Datasheet HTML 18Page - International Rectifier IR3598 Datasheet HTML 19Page - International Rectifier IR3598 Datasheet HTML 20Page - International Rectifier IR3598 Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Dual/Doubler Interleaved MOSFET Driver 
October 25, 2013 |  FINAL  |  V1.12
18
IR3598
APPLICATION INFORMATION 
Figure 1 shows the typical applications circuit for the 
IR3598. 
CONFIGURING THE PWM AND PHASE MODES 
The IR3598 can operate in 2 separate Phase modes which 
are Dual and Doubler. Also, the IR3598 can accept either 
an IR ATL input PWM signal or a Tri‐State PWM signal  
(3.3V or 5V).  
Table 1 shows the user how to configure both the PWM 
mode as well as the Phase Modes utilizing the FUNCTION 
and MODE pins. The FUNCTION selection (pin 12) is 
latched into the IR3598 at power up, and cannot be 
changed after power on reset. 
BOOT STRAP CIRCUIT 
Once the high‐side MOSFET selection is made, the 
bootstrap circuit can be defined. The integrated boot diode 
of the IR3598 reduces the external component count for 
use in cost and space sensitive designs.  
The bootstrap capacitor CBoot stores the charge and 
provides the voltage required to drive the external high 
side MOSFET gate. The minimum capacitor value can be 
defined by: 
CBoot = QHS MOSFET_gate / ∆VBoot  
Where: 
QHS MOSFET_gate is the total gate charge  
of the high‐side external MOSFET(s) 
∆VBoot is the droop allowed on the boot capacitor  
voltage (at the high‐side MOSFET gate) 
A series resistor, 1Ω to 2Ω, should be added to customize 
the rise time of the high‐side output. Slowing down this 
output allows setting the phase node rising slew rate and 
limits the surge current into the boot capacitor on start‐up. 
SUPPLY DECOUPLING CAPACITOR 
VCC decoupling to the IR3598 is provided by a 0.1uF 
bypass capacitor CVcc located close to the supply input pin. 
A series resistor Rvcc, typically 10Ω, is added in series with 
the supply voltage to filter high frequency ringing and 
noise. A 1.0uF or higher capacitor is recommended for the 
VDRV decoupling capacitor, CDRV.  
PCB LAYOUT CONSIDERATIONS 
PCB layout and design is important to driver performance 
in voltage regulator circuits due to the high current slew 
rate (di/dt) during MOSFET switching. 
 Locate all power components in each phase as 
close to each other as practically possible in order 
to minimize parasitics and losses, allowing for 
reasonable airflow. 
 Input supply decoupling and bootstrap capacitors 
should be physically located close to their 
respective IC pins. 
 High current paths like the gate driver traces 
should be as wide and short as practically possible. 
 Trace inductances to the high and low side 
MOSFETs should be minimized. 
 The ground connection of the IC should be as close 
as possible to the low side MOSFET source. 
 Use of a copper plane under and around the IC and 
thermal vias to connect to buried copper layers 
improves the thermal performance.  
MOSFET stages should be well bypassed with capacitors 
placed between the drain of the HIGH side MOSFET and 
the source of the LOW side MOSFET. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com