Electronic Components Datasheet Search
  English  ▼

X  

IR3598 Datasheet(PDF) 15 Page - International Rectifier

Part # IR3598
Description  Dual/Doubler Interleaved MOSFET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3598 Datasheet(HTML) 15 Page - International Rectifier

Back Button IR3598 Datasheet HTML 11Page - International Rectifier IR3598 Datasheet HTML 12Page - International Rectifier IR3598 Datasheet HTML 13Page - International Rectifier IR3598 Datasheet HTML 14Page - International Rectifier IR3598 Datasheet HTML 15Page - International Rectifier IR3598 Datasheet HTML 16Page - International Rectifier IR3598 Datasheet HTML 17Page - International Rectifier IR3598 Datasheet HTML 18Page - International Rectifier IR3598 Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Dual/Doubler Interleaved MOSFET Driver 
October 25, 2013 |  FINAL  |  V1.12
15
IR3598
GENERAL DESCRIPTION 
 
The IR3598 contains two high‐efficiency, fast High and  
Low side MOSFET drivers with large source and sink 
current capability. It can reliably drive the external  
high‐ and low‐side N‐channel MOSFETs with large input 
capacitance at switching frequencies up to 1MHz.  
The patented IR Active Tri‐Level (ATL) feature allows 
complete control over enable and disable of both MOSFETs 
using the PWM input signal from the controller. The timing 
and voltage levels of ATL are shown in Figure 6. 
Each IR3598 can be operated to drive two independent 
pairs of MOSFETs in one of two operating modes which are 
dual mode and doubler mode. In dual mode, two 
independent PWM inputs control two separate and 
independent gate drive outputs. Each driver functions in a 
similar way to a single high‐low MOSFET driver such as the 
CHL8515. In doubler mode, the two independent drivers 
are controlled by a single input signal at PWM1.  
In normal switching modes, they operate 180° out of phase 
with each other. The phase modes for dual and doubler 
are shown in Figure 8. Detailed timing diagrams can be 
seen in Figures 9 and 10. 
During normal operation the PWM transitions between 
low and high voltage levels to drive the low‐ and high‐side 
MOSFETs. The PWM signal falling edge transition to a low 
voltage threshold initiates the high side driver turn off 
after a short propagation delay, tPDL(HS). The dead time 
control circuit monitors the High Gate signals and switch 
voltages to ensure the high side MOSFET is turned off 
before the Low Gate voltages are allowed to rise to turn  
on the low‐side MOSFET.  
The PWM rising edge transition through the high‐side turn 
on threshold, initiates the turn off of the low‐side MOSFET 
after a small propagation delay, tPDL(LS). The adaptive dead 
time circuit provides the appropriate dead time by 
determining if the falling Low Gate voltage threshold has 
been crossed before allowing the High Gate voltage to rise 
and turn on the high‐side MOSFET, tPDH(HS).  
THEORY OF OPERATION 
 
POWER‐ON RESET (POR) 
The IR3598 incorporates a power‐on reset feature.  
This ensures that both the high and low side output drivers 
are made active only after the device supply voltage Vcc 
and Vdrive both have exceeded a certain minimum 
operating threshold. The Vcc and Vdrive supplies are 
monitored and both the drivers are set to the low state, 
holding both external MOSFETs off. Once both Vcc and 
VDRV cross the rising POR threshold, the IR3598 (if in IR 
ATL mode) is reset and the outputs are held in the low 
state until a transition from tri‐state to active operation is 
detected at the PWM input. For Tri‐state mode, the POR 
operation is the same except the driver does not look for 
an input tri‐state before functioning. During normal 
operation the drivers continue to remain active until the 
Vcc falls below the falling POR threshold.  
INTEGRATED BOOTSTRAP DIODE 
The IR3598 features an integrated bootstrap diode to 
reduce external component count. This enables the IR3598 
to be used effectively in cost and space sensitive designs. 
The bootstrap circuit is used to establish the gate voltage 
for the high‐side driver. It consists of a diode and capacitor 
connected between the SW and BOOT pins of each device. 
Integrating the diodes within the IR3598, results in the 
need for an external boot capacitor only. The bootstrap 
capacitor is charged through the diode and injects this 
charge into the high‐side MOSFET input capacitance when 
PWM signal goes high. 
IR ACTIVE TRI‐LEVEL (ATL) PWM INPUT SIGNAL 
The IR3598 gate drivers are driven by a patented active  
tri‐level PWM control signal provided by the IR digital 
PWM controllers. During normal operation, the rising and 
falling edges of the PWM signal transitions between 0V 
and 1.8V to switch the LO_GATE and HI_GATE. To force 
both driver outputs low simultaneously, the PWM signal 
crosses a tri‐state voltage level higher than the tri‐state 
HI_GATE threshold. This threshold based tri‐state results in 
a very fast disable for both the drivers, with only a small 
tri‐state propagation delay. MOSFET switching resumes 
when the PWM signal falls below the tri‐state threshold 
into the normal operating voltage range.  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com