Electronic Components Datasheet Search
  English  ▼

X  

IR3598 Datasheet(PDF) 8 Page - International Rectifier

Part # IR3598
Description  Dual/Doubler Interleaved MOSFET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3598 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3598 Datasheet HTML 4Page - International Rectifier IR3598 Datasheet HTML 5Page - International Rectifier IR3598 Datasheet HTML 6Page - International Rectifier IR3598 Datasheet HTML 7Page - International Rectifier IR3598 Datasheet HTML 8Page - International Rectifier IR3598 Datasheet HTML 9Page - International Rectifier IR3598 Datasheet HTML 10Page - International Rectifier IR3598 Datasheet HTML 11Page - International Rectifier IR3598 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Dual/Doubler Interleaved MOSFET Driver 
October 25, 2013 |  FINAL  |  V1.12
8
IR3598
ELECTRICAL  SPECIFICATIONS 
RECOMMENDED OPERATING CONDITIONS FOR RELIABLE OPERATION WITH MARGIN 
Recommended Voltage Regulator Vin Range 
4.5 to 13.2Vdc 
Recommended Operating Ambient Temperature Range 
0°C  to  85°C 
Maximum Operating Junction Temperature 
125°C 
VCC Supply Voltage Range 
+5V  ±  10% 
VDRV 
4.0V  to  13.2V 
 
ELECTRICAL CHARACTERISTICS 
Unless otherwise specified, these specifications were tested at +25°C. VCC = VDRV = 5.0V.  
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Supply 
Supply Bias Current Shutdown – Dual 
Mode 
IVCC + IVDRV 
ENABLE LOW 
1.8 
2.1  2.7 
mA 
Supply Bias Current Idle – Dual Mode 
IVCC + IVDRV 
Tri‐stated Gate Driver 
2.6 
3.3  4.0 
mA 
Supply Bias Current Idle – Doubler Mode 
IVCC + IVDRV 
Tri‐stated Gate Driver 
2.1 
2.9  3.6 
mA 
Supply Bias Current ―Note 1 
IVCC + IVDRV 
fPWM = 300kHz, no load  ‐ 
4.5  ‐ 
mA 
VCC Rising Threshold for POR   
  
3.55 
3.80 
3.98 
V 
VCC Falling Threshold for POR   
 
3.20  3.50 
3.80 
V 
Vdrive Rising Threshold for POR  
 
 
3.55 
3.80 
3.98 
V 
Vdrive Falling Threshold for POR  
 
 
2.50  2.75 
3.00 
V 
PWM Input IR ATL Mode 
PWM Input Pull‐Up Voltage 
VPWM_pull up 
PWM Input Floating ‐ 
4.0 ‐ 
V 
PWM Input High Threshold 
VIH(C_PWM)   
 0.9  1.15 
1.3 
V 
PWM Input Low Threshold 
VIL(C_PWM)   
0.7 
0.95  1.1 
V 
PWM Tri‐level High Threshold 
VTL(C_PWM)  
2.4 
2.65 
2.9 
V 
PWM Tri‐level Low Threshold 
VTH(C_PWM)  
2.2 
2.5 
2.7 
V 
PWM Input Current Low 
IC_PWM 
VPWM = 0V 
0.7 
1.0 
1.4 
mA 
PWM Input Current High  
VPWM = 1.8V 
0.7 
1.0 
1.4 
mA 
PWM Input Current Tri‐state  
VPWM = 3.3V 
60 
125 
190 
uA 
PWM Input Tri‐State Mode (+3.3V or +5V signal level) 
PWM Input Rising Threshold, Note 1 
VIH(C_PWM)  
‐ 
1.65 ‐ 
V 
PWM Input Falling Threshold, Note 1 
VIL(C_PWM)  
‐ 
1.3 ‐ 
V 
Tri‐State LO_GATE Threshold  
 
0.7 
0.95  1.1 
V 
Tri‐State LO_GATE Hysteresis  
 
100 
200 
300 
mV 
Tri‐State HI_GATE Threshold  
 
2.4 
2.65 
2.9 
V 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com