Electronic Components Datasheet Search
  English  ▼

X  

IR3598 Datasheet(PDF) 16 Page - International Rectifier

Part # IR3598
Description  Dual/Doubler Interleaved MOSFET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3598 Datasheet(HTML) 16 Page - International Rectifier

Back Button IR3598 Datasheet HTML 12Page - International Rectifier IR3598 Datasheet HTML 13Page - International Rectifier IR3598 Datasheet HTML 14Page - International Rectifier IR3598 Datasheet HTML 15Page - International Rectifier IR3598 Datasheet HTML 16Page - International Rectifier IR3598 Datasheet HTML 17Page - International Rectifier IR3598 Datasheet HTML 18Page - International Rectifier IR3598 Datasheet HTML 19Page - International Rectifier IR3598 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Dual/Doubler Interleaved MOSFET Driver 
October 25, 2013 |  FINAL  |  V1.12
16
IR3598
This fast tri‐state operation eliminates the need for any  
tri‐state hold‐off time of the PWM signal to dwell in the 
shutdown window. Dedicated disable or enable pins are 
not required which simplifies the routing and layout in 
applications with a limited number of board layers. It also 
provides switching free of shoot through for slow PWM 
transition times of up to 20ns. The IR3598 is therefore 
tolerant of stray capacitance on the PWM signal lines. 
The IR3598 provides a 1.0mA typical pull‐up current to 
drive the PWM input to the tri‐state condition of 3.3V 
when the PWM controller output is in its high impedance 
state. The 1.0mA typical current is designed for driving 
worst case stray capacitances and transition the IR3598 
into the tri‐state condition rapidly to avoid a prolonged 
period of conduction of the high or low side MOSFETs 
during faults. Immediately after the driver is driven into 
the tri‐state mode, the 1mA current is disables such that 
power is conserved. 
START UP 
During initial startup, the IR3598 holds both high‐ and  
low‐side drivers low even after POR threshold is reached  
if the device is in IR ATL mode. This mode is maintained 
while the PWM signal is pulled to the tri‐state threshold 
level greater than the tri‐state HI_GATE threshold and until 
it transitions out of tri‐state. It is this initial transition out 
of the tri‐state which enables both drivers to switch based 
on the normal PWM voltage levels.  
This startup also ensures that any undetermined PWM 
signal levels from a controller in pre‐POR state will not 
result in high or low‐side MOSFET turn on until the 
controller is out of its POR. 
For Tri‐state mode, the POR operation is the same except 
the driver does not look for an input tri‐state before 
functioning. 
HIGH SIDE DRIVER 
The high‐side driver drives an external floating N‐channel 
MOSFET. An external bootstrap circuit referenced to the 
SWITCH node, consisting of a boot diode and capacitor is 
used to bias the external MOSFET gate. When the SWITCH 
node is at ground, the boot capacitor is charged to near 
the supply voltage using the boot diode and this stored 
charge is used to turn on the external MOSFET when the 
PWM signal goes high. Once the high‐side MOSFET is 
turned on, the SWITCH voltage rises to the supply voltage 
and the boot voltage rises to equal to the supply voltage 
plus the VDRV voltage less the diode forward voltage. 
When the PWM signal goes low, the MOSFET is turned off 
by pulling the MOSFET gate to the SWITCH voltage. 
LOW SIDE DRIVER 
The IR3598 low‐side driver is designed to drive an external 
N‐channel MOSFET referenced to ground. The low‐side 
driver is connected internally to the supply voltage to turn 
the MOSFET on. 
When the low‐side MOSFET is turned on the SWITCH node 
is pulled to ground. This allows charging of the boot 
capacitor to the supply voltage ready to drive the high‐side 
MOSFET based on the PWM signal level. 
ADAPTIVE DEAD TIME ADJUSTMENT 
In a synchronous buck configuration dead time between 
the turn off of one MOSFET and turn on of the other is 
necessary to prevent simultaneous conduction.  
This prevents a shoot‐through condition which would 
result in a short of the supply voltage to ground. A fixed 
dead time does not provide optimal performance over a 
variety of MOSFETs, converter duty cycles and board 
layouts. 
The IR3598 provides an ‘adaptive’ dead time adjustment. 
This feature minimizes dead time to an optimum duration 
which allows for maximum efficiency. The ‘break before 
make’ adaptive design is achieved by monitoring gate and 
SWITCH voltages to determine OFF status of a MOSFET.  
It also provides zero‐voltage switching (ZVS) of the low side 
MOSFET with minimum current conduction through its 
body‐diode.  
When operating in IR ATL mode, and the PWM is switching 
between 1.8V and 0V, its falling edge transition from high 
to low will turn off the high side gate driver. The adaptive 
dead time circuit monitors the HI_GATE and the SWITCH 
node voltages during the high side MOSFET turn off. When 
the HI_GATE falls below 1.25V above the SWITCH node 
potential or the SWITCH node voltage drops below 1.38 V 
the high side MOSFET is determined to be turned off and 
the LO_GATE turn on is initiated. This turns on the external 
low‐side MOSFET. The rising edge transition of the PWM 
signal from low to high voltage causes the low‐side gate 
driver to turn off. The adaptive circuit monitors the voltage 
at LO_GATE and when it falls below 1.38V, the low‐side 
MOSFET is determined to be turned off and the high‐side 
MOSFET turn on is initiated. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com