Electronic Components Datasheet Search
  English  ▼

X  

IR3598 Datasheet(PDF) 6 Page - International Rectifier

Part # IR3598
Description  Dual/Doubler Interleaved MOSFET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3598 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3598 Datasheet HTML 2Page - International Rectifier IR3598 Datasheet HTML 3Page - International Rectifier IR3598 Datasheet HTML 4Page - International Rectifier IR3598 Datasheet HTML 5Page - International Rectifier IR3598 Datasheet HTML 6Page - International Rectifier IR3598 Datasheet HTML 7Page - International Rectifier IR3598 Datasheet HTML 8Page - International Rectifier IR3598 Datasheet HTML 9Page - International Rectifier IR3598 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Dual/Doubler Interleaved MOSFET Driver 
October 25, 2013 |  FINAL  |  V1.12
6
IR3598
PIN DESCRIPTIONS 
PIN #
PIN NAME
PIN DESCRIPTION
1 
BOOT1 
Floating bootstrap supply pin for the upper gate drive HG1. Connect the bootstrap capacitor between this pin 
and the SW1 pin. The bootstrap capacitor provides the charge to turn on the upper MOSFET. See the Internal 
Bootstrap Device section under DESCRIPTION for guidance in choosing the capacitor value. 
2 
MODE 
The MODE pin is an input signal used to set the PWM MODE (Tri‐State or IR ATL) of the drivers. 
The MODE pin levels are controlled by connecting the MODE pin to Ground or connecting to VCC. Refer to the 
configuration instructions in Table 1 to program the mode pin. Do not let this pin float. The mode pin must be 
directly connected to ground when this is the connection.  Do not connect through a resistor when connecting 
to ground. The mode pin is low when the pin voltage is below 0.8Vdc and high when the pin voltage is above 
2Vdc. 
3 
VDRV 
Connect this pin to a separate supply voltage between 4.0V and 13.2V to vary the drive voltage 
on both the high side and low side MOSFET’s. Place a high quality low ESR ceramic capacitor from this pin to 
GND. Note that on the high side MOSFET’s, the gate drive voltage will be VDRV less the boot strap diode voltage 
drop. 
4 
BOOT2 
Floating bootstrap supply pin for the upper gate drive HG2. Connect the bootstrap capacitor between this pin 
and the SW2 pin. The bootstrap capacitor provides the charge to turn on the upper MOSFET. See the Internal 
Bootstrap Device section under DESCRIPTION for guidance in choosing the capacitor value. 
5 
SW2 
Connect this pin to the SOURCE of the upper MOSFET and the DRAIN of the lower MOSFET of the second power 
stage, driven by HG2 and LG2. This pin provides a return path for the upper gate drive. 
6 
HG2 
Upper gate drive output of Driver 2. Connect to gate of high‐side power N‐Channel MOSFET of the second 
power stage. 
7 
LG2 
Lower gate drive output of Driver 2. Connect to gate of the low‐side power N‐Channel MOSFET 
of the second power stage. 
8 
PWM2 
The PWM2 signal is the control input for the second driver from either an IR ATL compatible source or an 
industry standard Tri‐State source. Connect this pin to the PWM output of the controller.  
As a DUAL driver, PWM2 controls the behavior of Gate Driver 2 (HG2, LG2). In DOUBLER mode this pin is not 
used and must be left open. 
9 
EN 
The chip will be enabled with the EN pin left open, or pulled high to VCC. The enable is low when the pin 
voltage is below 0.8Vdc and high when the pin voltage is above 2Vdc. 
10 
NC 
This pin must be left open. 
11 
VCC 
Connect this pin to a +5V bias supply. Place a high quality low ESR 0.1uF ceramic capacitor from this pin to the 
IR3598 GND. 
12 
FUNCTION 
The FUNCTION pin controls the Phase Mode (Dual or Doubler Modes). The FUNCTION pin levels are controlled 
by connecting the FUNCTION pin to Ground or VCC. Refer to the configuration instructions in Table 1 to 
program the FUNCTION pin. At power up, the function pin selection is latched into the IR3598, and therefore 
cannot be changed after initial power up. The function pin is low when the pin voltage is below 1 Vdc and high 
when the pin voltage is above 4.2Vdc. 
13 
PWM1 
The PWM1 signal is the control input for the first driver from either an IR ATL compatible source 
or an industry standard Tri‐State source. Connect this pin to the PWM output of the controller.  
As a DUAL driver, PWM1 controls the behavior of Gate Driver 1 (HG1, LG1). In DOUBLER mode  
PWM1 controls the behavior of Gate Drive 1 (HG1, LG1) and Gate Drive 2 (HG2, LG2). 
14 
LG1 
Lower gate drive output of Driver 1. Connect to gate of the low‐side power N‐Channel MOSFET 
of the first power stage. 
15 
HG1 
Upper gate drive output of Driver 1. Connect to gate of high‐side power N‐Channel MOSFET  
of the first power stage. 
16 
SW1 
Connect this pin to the SOURCE of the upper MOSFET and the DRAIN of the lower MOSFET of the first power 
stage. This pin provides a return path for the upper gate drive. 
(PAD) 17 
GND 
Bias and reference ground. All signals are referenced to this node. It is also the power ground return of the 
driver. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com