Electronic Components Datasheet Search
  English  ▼

X  

IR3598 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3598
Description  Dual/Doubler Interleaved MOSFET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3598 Datasheet(HTML) 1 Page - International Rectifier

  IR3598 Datasheet HTML 1Page - International Rectifier IR3598 Datasheet HTML 2Page - International Rectifier IR3598 Datasheet HTML 3Page - International Rectifier IR3598 Datasheet HTML 4Page - International Rectifier IR3598 Datasheet HTML 5Page - International Rectifier IR3598 Datasheet HTML 6Page - International Rectifier IR3598 Datasheet HTML 7Page - International Rectifier IR3598 Datasheet HTML 8Page - International Rectifier IR3598 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Dual/Doubler Interleaved MOSFET Driver 
October 25, 2013 |  FINAL  |  V1.12
1
IR3598
FEATURES 
 Dual MOSFET drivers in single 16 pin QFN 
package 
 Buck Converter Driver Vin 4.0 to 13.2Vdc  
 Multimode operation to configure the driver 
as either dual or doubler/interleaved mode 
drivers 
 Variable Gate drive from 4V to 13V to 
optimize system efficiency  
 5V VCC and VDRV capability for sleep states 
where only 5V is available 
 Large drivers designed to drive 3nF in < 12ns 
with any voltage from 5V to 12V (typ) 
supplied to the VDRV pin 
 Low side driver – 0.85Ω source/0.38Ω sink  
 High side driver – 1.1Ω source/0.60Ω sink 
 Propagation delays < 20ns 
 Integrated bootstrap diode on both drivers 
 Capable of high output switching frequencies 
from 150kHz up to greater than 1MHz 
 Compatible with IR’s patented Active  
Tri‐Level (ATL) PWM for fastest response to 
transient overshoot as well as industry 
standard 3.3V and 5V Tri‐State signals in  
most modes 
 Non‐overlap and under voltage protection 
 Thermally enhanced 16 pin QFN package 
 Lead free RoHS compliant package 
 Low Quiescent power to optimize efficiency 
BASIC APPLICATION 
 
Figure 1: IR3598 Typical DOUBLER Mode  
Application Circuit 
DESCRIPTION 
The IR3598 is a high‐efficiency dual driver capable of switching  
a pair of high and low side N‐channel MOSFETs in synchronous 
buck converters and is optimized for use with IR’s Digital PWM 
controllers to provide a total voltage regulator solution for today’s 
advanced computing applications. In a space saving 16‐pin QFN 
package, the IR3598 can significantly improve density in high 
phase count voltage regulators saving over 50% board space 
versus conventional drivers.  
The IR3598 can be configured as two independent drivers in DUAL 
mode with individual PWM signals, or as an interleaved DOUBLER 
driver where one PWM signal is internally split to drive the two 
pairs of MOSFETs 180° out of phase. The inter‐leaving action is 
optimized internally to manage the tri‐state action of multiple 
phases during transients, low current single phase operation, and 
PS2 operation (see Figs. 8 and 9.) The DOUBLER mode can double 
the effective maximum phase count from the controller, enabling 
a well‐controlled, high phase count voltage regulator. 
The IR3598 has a proprietary circuit which maintains the MOSFET 
drive strength throughout the 4.0V to 13.2V drive voltage range 
thus insuring fast switching even with 5V standby drive operation 
during system sleep modes. The integrated boot diodes reduce 
external component count. The IR3598 also features an adaptive 
non‐overlap control for shoot‐through protection. 
The IR3598 PWM inputs are compatible with IR’s fast Active  
Tri‐Level (ATL) PWM signals as well as 3.3V and 5V Tri‐State  
PWM signals. 
APPLICATIONS 
Desktop CPU and GPU solutions 
Performance overclocking CPU and GPU VR solutions 
Optimized for Sleep state S3 systems using +5VSB 
 
PIN DIAGRAM 
 
Figure 2: IR3598 Package Top View


Similar Part No. - IR3598

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3598 IRF-IR3598 Datasheet
518Kb / 20P
Dual/Doubler Interleaved MOSFET Driver
IR3598MPBF IRF-IR3598MPBF Datasheet
518Kb / 20P
Dual/Doubler Interleaved MOSFET Driver
IR3598MTRPBF IRF-IR3598MTRPBF Datasheet
518Kb / 20P
Dual/Doubler Interleaved MOSFET Driver
More results

Similar Description - IR3598

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
Interleaved Dual BCM PFC Controller
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611_11 Datasheet
1Mb / 37P
Interleaved Dual BCM PFC Controllers
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
Interleaved Dual BCM PFC Controllers
logo
International Rectifier
IR3598 IRF-IR3598 Datasheet
518Kb / 20P
Dual/Doubler Interleaved MOSFET Driver
logo
Texas Instruments
SN75372PSR TI1-SN75372PSR Datasheet
735Kb / 19P
DUAL MOSFET DRIVER
logo
Analog Devices
EVAL-ADP1829 AD-EVAL-ADP1829_15 Datasheet
861Kb / 16P
Evaluation Board for Dual, Interleaved
REV. 0
logo
International Rectifier
IR3548 IRF-IR3548_15 Datasheet
716Kb / 30P
Integrated Dual, Doubler or Quad mode Driver
logo
Silicon Supplies
SIS17601 SS-SIS17601 Datasheet
1,015Kb / 8P
Dual MOSFET Driver
logo
Texas Instruments
SN75372 TI-SN75372_V01 Datasheet
656Kb / 21P
DUAL MOSFET DRIVER
JULY 1986
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com