Electronic Components Datasheet Search
  English  ▼

X  

IR3598 Datasheet(PDF) 9 Page - International Rectifier

Part # IR3598
Description  Dual/Doubler Interleaved MOSFET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3598 Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3598 Datasheet HTML 5Page - International Rectifier IR3598 Datasheet HTML 6Page - International Rectifier IR3598 Datasheet HTML 7Page - International Rectifier IR3598 Datasheet HTML 8Page - International Rectifier IR3598 Datasheet HTML 9Page - International Rectifier IR3598 Datasheet HTML 10Page - International Rectifier IR3598 Datasheet HTML 11Page - International Rectifier IR3598 Datasheet HTML 12Page - International Rectifier IR3598 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Dual/Doubler Interleaved MOSFET Driver 
October 25, 2013 |  FINAL  |  V1.12
9
IR3598
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Tri‐State HI_GATE Hysteresis  
 
100 
200 
300 
mV 
Tri‐State Hold Off Time, Note 1  
 
‐ 
80 ‐ 
ns 
PWM Input Pull‐Up Voltage 
VPWM_pull up 
PWM Input Floating 
1.3 
1.55 
1.9 
V 
PWM Input Resistance, Note 1 
RPWM 
PWM Input Floating ‐ 
3.75 ‐ 
kΩ 
Minimum Recognized PWM Pulse Width, 
Note 1 
 
ATL (IR) and Tri‐State Modes ‐ 
40 ‐ 
nSec 
High Side Gate Drivers 
Transi on Time ― Rise, Note1 
tR(HS) 
3nF Load, VDRV = 5‐12V ‐ 
15 ‐ 
ns 
Transi on Time ― Fall, Note1 
tF(HS) 
3nF Load, VDRV = 12V ‐ 
12 ‐ 
ns 
Transi on Time ― Fall, Note1 
tF(HS) 
3nF Load, VDRV = 5V ‐ 
17 ‐ 
ns 
Propaga on Delay ― Turn‐on all modes, 
Note 1 
tPDH(HS) 
3nF Load, VDRV = 5‐12V 
‐ 
23 ‐ 
ns 
Propaga on Delay ― Turn‐off Dual, Note 
1 
tPDL(HS) 
3nF Load, VDRV = 5‐12V ‐ 
17 ‐ 
ns 
Propaga on Delay ― Turn‐off Doubler, 
Note 1 
tPDL(HS) 
3nF Load, VDRV = 5‐12V ‐ 
24 ‐ 
ns 
Propaga on Delay ― Exit Tri‐State Dual, 
Note 1 
tPDTS(HS_en) 
3nF Load  ‐ 
40  ‐ 
ns 
Propaga on Delay ― Exit Tri‐State 
Doubler, Note 1 
tPDTS(HS_en) 
3nF Load  ‐ 
40  ‐ 
ns 
Propaga on Delay ― Enter Tri‐State 
Dual, Note 1 
tPDTS(HS_dis) 
3nF Load  ‐ 
19  ‐ 
ns 
Propaga on Delay ― Enter Tri‐State 
Doubler, Note 1 
tPDTS(HS_dis) 
3nF Load  ‐ 
19  ‐ 
ns 
Output Impedance Source, Note 1 
RHS_SOURCE 
VDRV = 12V, 100mA  ‐ 
1.1  ‐ 
Ω 
Output Impedance Source, Note 1 
RHS_SOURCE 
VDRV = 5V, 100mA  ‐ 
1.4  ‐ 
Ω 
Output Impedance ― Sinking, Note 1 
RHS_SINK 
VDRV = 12V, 100mA  ‐ 
0.60  ‐ 
Ω 
Output Impedance ― Sinking 
RHS_SINK 
VDRV = 5V, 100mA  0.70 
0.90  1.20 Ω 
Low Side Gate Drivers 
Transi on Time ― Rise, Note 1 
tR(LS) 
3nF Load, VDRV = 5‐12V ‐ 
14 ‐ 
ns 
Transi on Time ― Fall, Note 1 
tF(LS) 
3nF Load, VDRV = 12V ‐ 
7 ‐ 
ns 
Transi on Time ― Fall, Note 1 
tF(LS) 
3nF Load, VDRV = 5V ‐ 
8.5 ‐ 
ns 
Propaga on Delay ― Turn‐on all modes, 
Note 1 
tPDH(LS) 
3nF Load, VDRV = 5‐12V 
‐ 
20 ‐ 
ns 
Propaga on Delay ― Turn‐off Dual, Note 
1 
tPDL(LS) 
3nF Load, VDRV = 5‐12V ‐ 
18 ‐ 
ns 
Propaga on Delay ― Turn‐off Doubler, 
Note 1 
tPDL(LS) 
3nF Load, VDRV = 5‐12V ‐ 
24 ‐ 
ns 
Propaga on Delay ― Exit Tri‐State Dual, 
Note 1 
tPDTS(LS_en) 
3nF Load ‐  
24  ‐ 
ns 
Propaga on Delay ― Exit Tri‐State 
tPDTS(LS_en) 
3nF Load ‐  
30  ‐ 
ns 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com