Electronic Components Datasheet Search
  English  ▼

X  

IR3598 Datasheet(PDF) 17 Page - International Rectifier

Part # IR3598
Description  Dual/Doubler Interleaved MOSFET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3598 Datasheet(HTML) 17 Page - International Rectifier

Back Button IR3598 Datasheet HTML 13Page - International Rectifier IR3598 Datasheet HTML 14Page - International Rectifier IR3598 Datasheet HTML 15Page - International Rectifier IR3598 Datasheet HTML 16Page - International Rectifier IR3598 Datasheet HTML 17Page - International Rectifier IR3598 Datasheet HTML 18Page - International Rectifier IR3598 Datasheet HTML 19Page - International Rectifier IR3598 Datasheet HTML 20Page - International Rectifier IR3598 Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Dual/Doubler Interleaved MOSFET Driver 
October 25, 2013 |  FINAL  |  V1.12
17
IR3598
FREQUENCY RANGE 
The IR3598 is designed to operate over a wide input and 
output frequency range. When operating in Dual Mode, 
the input and output frequencies are identical. When 
operating in Doubler mode, the input frequency at the 
PWM1 input is twice the output frequency.  
The lower limit of the output frequency range is dictated 
by the size of the BOOT capacitor, which must provide 
charge to the HIGH side MOSFET during the entire on time. 
The upper limit of frequency is determined by thermal 
limitations as well as pulse width limitations. The IR3598  
is designed to operate with input frequencies as low as 
300kHz and output frequencies in excess of 1MHz.  
ENABLE 
When enable is low there are no High Gate or Low Gate 
outputs, both HGx and LGx are held low so that no 
MOSFET switching occurs. When enable goes high from  
a low, the driver passes the appropriate PWM signal as 
described previously in this datasheet. .  The enable is low 
when the pin voltage is below 0.8Vdc and high when the 
pin voltage is above 2Vdc. 
DOUBLER MODE REACTION TO TRI‐STATE  
PWM INPUT 
In Doubler mode, anytime there is a tri‐state on the master 
PWM1, all outputs (HGx and LGx) are tri‐stated. When the 
PWM1 transitions from a tri‐state to a high and then from 
a high to a low, only the 0deg phase operates. This allows 
the VR to operate properly in PS2 mode and during load 
releases.  
Once the PWM1 sees a transition from a low to a high,  
the doubler function starts again, with output on both sets 
of HGx and LGx. DUAL Mode Reaction to Tri‐State  
PWM input 
Anytime there is a tri‐state on the PWMx, all outputs  
(HGx and LGx) associated with that PWMx are low.  
USING A DUAL MODE DRIVER AS  
A SINGLE DRIVER 
To use the Dual Mode driver as a single simply leave the 
unused input to float. With PWM floating, both HGx and 
LGx will be off. Alternatively you can ground the input 
which will sink 1 mAdc to ground. This will cause HGx to be 
off and LGx to be on. 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com