Electronic Components Datasheet Search
  English  ▼

X  

IR3598 Datasheet(PDF) 7 Page - International Rectifier

Part # IR3598
Description  Dual/Doubler Interleaved MOSFET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3598 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3598 Datasheet HTML 3Page - International Rectifier IR3598 Datasheet HTML 4Page - International Rectifier IR3598 Datasheet HTML 5Page - International Rectifier IR3598 Datasheet HTML 6Page - International Rectifier IR3598 Datasheet HTML 7Page - International Rectifier IR3598 Datasheet HTML 8Page - International Rectifier IR3598 Datasheet HTML 9Page - International Rectifier IR3598 Datasheet HTML 10Page - International Rectifier IR3598 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Dual/Doubler Interleaved MOSFET Driver 
October 25, 2013 |  FINAL  |  V1.12
7
IR3598
ABSOLUTE MAXIMUM RATINGS 
 
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are 
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the 
operational sections of the specifications are not implied. 
 
Voltage Regulator  Vin 
4.0 to 13.2Vdc 
VCC ‐0.3V  to  +7.0V 
VDRV 
‐0.3V  to  +15.0V 
PWM1, PWM2, EN, MODE, FUNCTION ‐0.3V  to  VCC +0.3V 
BOOTx‐GND, BOOTx – SWx 
‐0.3V  to  +35V, ‐0.3V  to  +15.0V 
LG1, LG2 
DC ‐0.3V to VDRV + 0.3V, <200ns: ‐5V to VDRV + 0.3V 
HG1, HG2 
SWx – 0.3V to VBOOT + 0.3V, <20ns: SWx – 5V to VBOOT + 0.3V 
SW1, SW2 ‐0.3V to +35V, <200nS, ‐8V 
ESD 
750V HBM 
Thermal Information 
Thermal Resistance (ΘJC) 
3°C/W 
Thermal Resistance (ΘJA)
1 
45°C/W 
Maximum Junction Temperature 
150°C 
Maximum Storage Temperature Range ‐65°C  to  150°C 
Maximum Lead Temperature (Soldering 10s) 
300°C 
 
Note 1: θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com