Electronic Components Datasheet Search
  English  ▼

X  

IR3598 Datasheet(PDF) 10 Page - International Rectifier

Part # IR3598
Description  Dual/Doubler Interleaved MOSFET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3598 Datasheet(HTML) 10 Page - International Rectifier

Back Button IR3598 Datasheet HTML 6Page - International Rectifier IR3598 Datasheet HTML 7Page - International Rectifier IR3598 Datasheet HTML 8Page - International Rectifier IR3598 Datasheet HTML 9Page - International Rectifier IR3598 Datasheet HTML 10Page - International Rectifier IR3598 Datasheet HTML 11Page - International Rectifier IR3598 Datasheet HTML 12Page - International Rectifier IR3598 Datasheet HTML 13Page - International Rectifier IR3598 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Dual/Doubler Interleaved MOSFET Driver 
October 25, 2013 |  FINAL  |  V1.12
10
IR3598
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Doubler, Note 1 
Propaga on Delay ― Enter Tri‐State 
Dual, Note 1 
tPDTS(LS_dis) 
3nF Load  ‐ 
15  ‐ 
ns 
Propaga on Delay ― Enter Tri‐State, 
Doubler, Note 1 
tPDTS(LS_dis) 
3nF Load  ‐ 
23  ‐ 
ns 
Output Impedance Source, Note 1 
RLS_SOURCE 
VDRV = 12V, 100mA  ‐ 
0.85  ‐ 
Ω 
Output Impedance Source, Note 1 
RLS_SOURCE 
VDRV = 5V, 100mA  ‐ 
1.0  ‐ 
Ω 
Output Impedance ― Sinking, Note 1 
RLS_SINK 
VDRV = 12V, 100mA  ‐ 
0.38  ‐ 
Ω 
Output Impedance ― Sinking 
RLS_SINK 
VDRV = 5V, 100mA  0.45 
0.55 
0.75 Ω 
 
Note 1: Guaranteed by design but not tested in production. 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com