Electronic Components Datasheet Search
  English  ▼

X  

IR3598 Datasheet(PDF) 20 Page - International Rectifier

Part # IR3598
Description  Dual/Doubler Interleaved MOSFET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3598 Datasheet(HTML) 20 Page - International Rectifier

Back Button IR3598 Datasheet HTML 13Page - International Rectifier IR3598 Datasheet HTML 14Page - International Rectifier IR3598 Datasheet HTML 15Page - International Rectifier IR3598 Datasheet HTML 16Page - International Rectifier IR3598 Datasheet HTML 17Page - International Rectifier IR3598 Datasheet HTML 18Page - International Rectifier IR3598 Datasheet HTML 19Page - International Rectifier IR3598 Datasheet HTML 20Page - International Rectifier IR3598 Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Dual/Doubler Interleaved MOSFET Driver 
October 25, 2013 |  FINAL  |  V1.12
20
IR3598
 
PACKAGE INFORMATION 
QFN 3 x 3mm, 16 pin 
Figure 11: Package Dimensions
QFN16 3X3
Package Dimensions
Recommended
PCB Land Pattern
PIN 1
CORNER
0.85
[0.033]
0.0-0.05
[0-.002]
TOP VIEW
SIDE VIEW
BOTTOM VIEW
0.05
0.05
0.10 Ref
[0.008]
UNLESS OTHERWISE SPECIFIED
TOLERANCE ON DIMENSIONS:
.XX
±0.05
.XXX ±0.030
ALL DIMENSIONS ARE IN mm [INCH]
3.00
[0.118]
3.00
[0.118]
PIN 1
CORNER
1.50 Ref
[0.059]
1.80
[0.070]
0.25 Ref
[0.010]
0.35
[0.014]
0.25
[0.010]
0.50
[0.020]
1.42
[0.056]
0.75
[0.029]
1.80 sq.
[0.070]
0.25
[0.010]
0.55
[0.021]
0.50
[0.020]
1
4
5
8
9
12
13
16
1.80
[0.070]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com