Electronic Components Datasheet Search
  English  ▼

X  

OPA625 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA625
Description  OPAx625 High-Bandwidth, High-Precision, Low THDN,16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA625 Datasheet(HTML) 4 Page - Texas Instruments

  OPA625 Datasheet HTML 1Page - Texas Instruments OPA625 Datasheet HTML 2Page - Texas Instruments OPA625 Datasheet HTML 3Page - Texas Instruments OPA625 Datasheet HTML 4Page - Texas Instruments OPA625 Datasheet HTML 5Page - Texas Instruments OPA625 Datasheet HTML 6Page - Texas Instruments OPA625 Datasheet HTML 7Page - Texas Instruments OPA625 Datasheet HTML 8Page - Texas Instruments OPA625 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
OPA625, OPA2625
SBOS688 – APRIL 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VS
(V+) – (V–)
6
V
+IN
(V–) – 0.3
(V+) + 0.3
V
Input voltage(2)
–IN
(V–) – 0.3
(V+) + 0.3
V
MODE
(V–) – 0.3
(V+) + 0.3
V
Output voltage
OUT
(V–)
(V+)
V
+IN
10
mA
–IN
10
mA
Sink current
MODE
10
mA
OUT
150
mA
+IN
10
mA
–IN
10
mA
Source current
MODE
10
mA
OUT(2)
150
mA
Operating junction
–40
+150
°C
Temperature
Storage, Tstg
–65
+150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
For input voltages beyond the power-supply rails, voltage or current must be limited.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
Electrostatic
V(ESD)
V
discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
Over operating free-air temperature range, unless otherwise noted.
MIN
NOM
MAX
UNIT
VS
Supply input voltage range, (V+) – (V–)
2.7
5.5
V
+IN
(V–)
(V+) – 1.15
V
VI
Input voltage range
–IN
(V–)
(V+) – 1.15
V
MODE
(V–)
(V+)
V
VO
Output voltage range
(V–)
(V+)
V
IO
Output current range
–120
+120
mA
TA
Operating free-air temperature
–40
+125
°C
TJ
Operating junction temperature
–40
+125
°C
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: OPA625 OPA2625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com