Electronic Components Datasheet Search
  English  ▼

X  

OPA625 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA625
Description  OPAx625 High-Bandwidth, High-Precision, Low THDN,16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA625 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA625 Datasheet HTML 9Page - Texas Instruments OPA625 Datasheet HTML 10Page - Texas Instruments OPA625 Datasheet HTML 11Page - Texas Instruments OPA625 Datasheet HTML 12Page - Texas Instruments OPA625 Datasheet HTML 13Page - Texas Instruments OPA625 Datasheet HTML 14Page - Texas Instruments OPA625 Datasheet HTML 15Page - Texas Instruments OPA625 Datasheet HTML 16Page - Texas Instruments OPA625 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
C025
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
PSRR+
PSRR-
C025
Frequency (Hz)
1
10
100
1000
10
100
1k
10k
100k
1M
10M
100M
0
30
60
90
120
150
180
210
±20
0
20
40
60
80
100
120
0.01
0.10
1
10
100
1k
10k
100k 1000k10000k
Frequency (Hz)
Gain
Phase
0.01 0.1
1
10
100
1k
10k
100k
1M 10M
C024
10M
1M
0
-20
Frequency (Hz)
1
10
100
1000
10
100
1k
10k
100k
1M
10M
100M
0
45
90
135
180
225
±40
0
40
80
120
160
0.01 0.10
1
10
100
1k
10k 100k 1000k10000k
100000k
Frequency (Hz)
Gain
Phase
0.01 0.1
1
10
100
1k
10k 100k 1M 10M 100M
C024
0
-40
OPA625, OPA2625
www.ti.com
SBOS688 – APRIL 2015
Typical Characteristics (continued)
At TA = 25°C, V+ = 5 V, V– = 0 V, MODE = V–, VCOM = VO = 2.5 V, G = 2, RF = 1 kΩ, CF= 2.7 pF, CLOAD= 20 pF, and RLOAD =
2 k
Ω connected to 2.5 V (unless otherwise noted)
VO = 10 mVPP
Figure 8. High-Drive Mode Open-Loop Gain and Phase vs
Figure 9. High-Drive Mode Open-Loop Output Impedance vs
Frequency
Frequency
VO = 10 mVPP , VMODE = 5 V
Figure 11. Low-Power Mode Open-Loop Output Impedance
Figure 10. Low-Power Mode Open-Loop Gain and Phase vs
vs Frequency
Frequency
Figure 12. Common-Mode Rejection Ratio vs Frequency
Figure 13. Power-Supply Rejection Ratio vs Frequency
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA625 OPA2625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com