Electronic Components Datasheet Search
  English  ▼

X  

OPA625 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA625
Description  OPAx625 High-Bandwidth, High-Precision, Low THDN,16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA625 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA625 Datasheet HTML 7Page - Texas Instruments OPA625 Datasheet HTML 8Page - Texas Instruments OPA625 Datasheet HTML 9Page - Texas Instruments OPA625 Datasheet HTML 10Page - Texas Instruments OPA625 Datasheet HTML 11Page - Texas Instruments OPA625 Datasheet HTML 12Page - Texas Instruments OPA625 Datasheet HTML 13Page - Texas Instruments OPA625 Datasheet HTML 14Page - Texas Instruments OPA625 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
MODE
OPAx625
STATE
Low-Power mode
High-Drive mode
tHD-LP
tLP-HD
OPA625, OPA2625
www.ti.com
SBOS688 – APRIL 2015
6.9 Switching Characteristics
At TA = 25°C, (V+) = 5 V, (V–) = 0 V, MODE pin connected to V– pin, G = 1 , VCOM = VO = 2.5 V, CLOAD= 20 pF, and RLOAD =
1 k
Ω connected to 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Settling time to within 50 µV of final value,
180
ns
MODE pin = high to low (LP to HD), VO = 3.8 V
Delay time, MODE pin falling
tLP-HD is defined as the time taken for the
tLP-HD
(low-power mode to high-drive mode)
quiescent current to increase from 110% of its
170
ns
value in LP mode to 90% of its value in HD
mode.
tHD-LP is defined as the time taken for the
Delay time, MODE pin rising
quiescent current to decrease from 90% of its
tHD-LP
300
ns
(high-drive mode to low-power mode)
value in HD mode to 110% of its value in LP
mode.
Figure 1. Switching Characteristics Timing Diagram
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA625 OPA2625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com