Electronic Components Datasheet Search
  English  ▼

X  

OPA625 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA625
Description  OPAx625 High-Bandwidth, High-Precision, Low THDN,16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA625 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA625 Datasheet HTML 8Page - Texas Instruments OPA625 Datasheet HTML 9Page - Texas Instruments OPA625 Datasheet HTML 10Page - Texas Instruments OPA625 Datasheet HTML 11Page - Texas Instruments OPA625 Datasheet HTML 12Page - Texas Instruments OPA625 Datasheet HTML 13Page - Texas Instruments OPA625 Datasheet HTML 14Page - Texas Instruments OPA625 Datasheet HTML 15Page - Texas Instruments OPA625 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
±8
±7
±6
±5
±4
±3
±2
±1
0
1
2
10k
100k
1M
10M
100M
Frequency (Hz)
0 pF
8.2 pF
22 pF
33 pF
47 pF
C007
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
1M
10M
100M
Frequency (Hz)
2 k
1 k

C007
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
100k
1M
10M
100M
Frequency (Hz)
5.5 V
2.7 V
C006
±10
±8
±6
±4
±2
0
2
4
6
8
10
1M
10M
100M
1G
Frequency (Hz)
0 pF
8.2 pF
22 pF
33 pF
47 pF
C007
±25
±20
±15
±10
±5
0
5
10
15
20
25
10k
100k
1M
10M
100M
Frequency (Hz)
Gain = 1
Gain = -1
Gain = 2
Gain = 5
Gain = 10
C004
±25
±20
±15
±10
±5
0
5
10
15
20
25
10k
100k
1M
10M
100M
Frequency (Hz)
Gain = 1
Gain = -1
Gain = 2
Gain = 5
Gain = 10
C005
OPA625, OPA2625
SBOS688 – APRIL 2015
www.ti.com
6.10 Typical Characteristics
At TA = 25°C, V+ = 5 V, V– = 0 V, MODE = V–, VCOM = VO = 2.5 V, G = 2, RF = 1 kΩ, CF= 2.7 pF, CLOAD= 20 pF, and RLOAD =
2 k
Ω connected to 2.5 V (unless otherwise noted)
VO = 10 mVPP
VO = 2 VPP
Figure 2. Small-Signal Frequency Response for Various
Figure 3. Large-Signal Frequency Response for Various
Gains
Gains
VO = 10 mVPP, G = 1
VO = 10 mVPP , G = 1
Figure 4. Small-Signal Frequency Response for Various
Figure 5. Small-Signal Frequency Response for Various
Power Supply Voltages
Capacitive Loads
VO = 2 VPP, G = 1
VO = 10 mVPP , G = 1
Figure 6. Large-Signal Frequency Response for Various
Figure 7. Small-Signal Frequency Response for Various
Capacitive Loads
Resistive Loads
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: OPA625 OPA2625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com