Electronic Components Datasheet Search
  English  ▼

X  

OPA625 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # OPA625
Description  OPAx625 High-Bandwidth, High-Precision, Low THDN,16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA625 Datasheet(HTML) 31 Page - Texas Instruments

Back Button OPA625 Datasheet HTML 27Page - Texas Instruments OPA625 Datasheet HTML 28Page - Texas Instruments OPA625 Datasheet HTML 29Page - Texas Instruments OPA625 Datasheet HTML 30Page - Texas Instruments OPA625 Datasheet HTML 31Page - Texas Instruments OPA625 Datasheet HTML 32Page - Texas Instruments OPA625 Datasheet HTML 33Page - Texas Instruments OPA625 Datasheet HTML 34Page - Texas Instruments OPA625 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Frequency (kHz)
-175
-150
-125
-100
-75
-50
-25
0
0
50
100
150
200
250
300
350
400
450
500
-115.91 dBc (Third Harmonic)
THD = -110.8 dBc
SNR = 91.88 dB
SINAD = 91.86 dB
ENOB = 14.97
FLT
SH
C
15 C
J
K
OPA625, OPA2625
www.ti.com
SBOS688 – APRIL 2015
Typical Applications (continued)
The SAR ADC inputs and sampling capacitors must be driven by the OPA625 to 16-bit levels within the
acquisition time of the ADC. For the example illustrated in Figure 72, the OPA625 is used to drive the ADS8860
at a sample rate of 1 MSPS.
9.2.1.2 Detailed Design Procedure
The circuit illustrated in Figure 72 consists of the SAR ADC driver, a low-pass filter and the SAR ADC. The SAR
ADC driver circuit consists of an OPA625 configured in an inverting gain of 1. The filter consists of RFLT and CFLT,
connected between the output of the OPA625 and input of the ADS8860. Selecting the proper values for each of
these passive components is critical to obtain the best performance from the ADC. Capacitor CFLT serves as a
charge reservoir, providing the necessary charge to the ADC sampling capacitors. The dynamic load presented
by the ADC creates a glitch on the filter capacitor, CFLT. To minimize the magnitude of this glitch, choose a value
for CFLT large enough to maintain a glitch amplitude of less than 100 mV. Maintaining such a low glitch amplitude
at the amplifier output makes sure that the amplifier remains in the linear operating region, and results in a
minimum settling time. Using Equation 6, a 10-nF capacitor is selected for CFLT.
(6)
Connecting a 10-nF capacitor directly to the output of the OPA625 degrades the OPA625 phase margin and
results in stability and settling-time problems. To properly drive the 10-nF capacitor, use a series resistor (RFLT)
to isolate the capacitor, CFLT, from the OPA625. RFLT must be sized based upon several constraints. To
determination a suitable value for RFLT, consider the impact upon the THD due to the voltage divider effect from
RFLT reacting with the switch resistance (RSW) of the ADC input circuit, as well as the impact of the output
impedance upon amplifier stability. In this example, 4.7-
Ω resistors are selected. In this design example,
Figure 16 can be used to estimate a suitable value for RISO. RISO represents the total resistance in series with
CFLT, and in this example is equivalent to 2 × RFLT.
For step-by-step design procedure, circuit schematics, bill of materials, printed circuit board (PCB) files,
simulation results, and test results, refer to TI Precision Design, TIDU014, "Power-optimized 16-bit 1MSPS
Data Acquisition Block for Lowest Distortion and Noise Reference Design".
9.2.1.3 Application Curves
Figure 74 illustrates the performance of the circuit shown in Figure 72.
4096-point FFT at 1 MSPS, fIN = 10 kHz , VIN = 1.5 VRMS
Figure 74. ADC Output FFT for Figure 72
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: OPA625 OPA2625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com