Electronic Components Datasheet Search
  English  ▼

X  

OPA625 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA625
Description  OPAx625 High-Bandwidth, High-Precision, Low THDN,16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA625 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA625 Datasheet HTML 3Page - Texas Instruments OPA625 Datasheet HTML 4Page - Texas Instruments OPA625 Datasheet HTML 5Page - Texas Instruments OPA625 Datasheet HTML 6Page - Texas Instruments OPA625 Datasheet HTML 7Page - Texas Instruments OPA625 Datasheet HTML 8Page - Texas Instruments OPA625 Datasheet HTML 9Page - Texas Instruments OPA625 Datasheet HTML 10Page - Texas Instruments OPA625 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
OPA625, OPA2625
www.ti.com
SBOS688 – APRIL 2015
6.6 Electrical Characteristics Low-Power Mode
At TA = 25°C, (V+) = 5 V, (V–) = 0 V, VMODE = 5 V, VCOM = VO = 2.5 V, G = 1, RF = 1 kΩ, CF= 2.7 pF, CLOAD= 20 pF, and RLOAD
= 2 k
Ω connected to 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
GBW
Gain-bandwidth product
G = 100, VO = 10 mVPP
1
MHz
φm
Phase margin
72
Degrees
VO = 1-V step
4.3
V/µs
SR
Slew rate
VO = 4-V step, G = 2
4.1
V/µs
Open-loop output
Zo
f = 1 MHz
12
Ω
impedance
DC PERFORMANCE
0.6
3
mV
VOS
Input offset voltage
TA = –40°C to +125°C
0.7
3.7
mV
74
dB
Power-supply rejection
PSRR
2.7 V
≤ (V+) ≤ 5 V
ratio
TA = –40°C to +125°C
70
100
dB
150
nA
IB
Input bias current
TA = –40°C to +125°C
140
200
nA
20
nA
IOS
Input offset current
TA = –40°C to +125°C
25
nA
OPEN LOOP GAIN
(V–) + 0.2 V < VO < (V+) – 0.2 V,
70
100
dB
RLOAD= 600 Ω
AOL
Open-loop gain
TA = –40°C to +125°C
(V–) + 0.15 V < VO < (V+) – 0.15 V,
90
100
dB
RLOAD= 10 kΩ
INPUT VOLTAGE
Common-mode voltage
(V+) –
VCM
TA = –40°C to +125°C
(V–)
V
range
1.15
66
114
dB
Common-mode rejection
CMRR
(V–) < VCOM < (V+) – 1.15 V
ratio
TA = –40°C to +125°C
60
114
dB
OUTPUT
RLOAD= 600 Ω
110
mV
Output voltage swing to
TA = –40°C to +125°C
the rail
RLOAD= 10 kΩ
40
mV
Isc
Short-circuit current
100
mA
POWER SUPPLY
270
320
µA
Quiescent current per
IO = 0 mA,
IQ
amplifier
MODE connected to V+
TA = –40°C to +125°C
450
µA
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA625 OPA2625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com