Electronic Components Datasheet Search
  English  ▼

X  

OPA625 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA625
Description  OPAx625 High-Bandwidth, High-Precision, Low THDN,16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA625 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA625 Datasheet HTML 5Page - Texas Instruments OPA625 Datasheet HTML 6Page - Texas Instruments OPA625 Datasheet HTML 7Page - Texas Instruments OPA625 Datasheet HTML 8Page - Texas Instruments OPA625 Datasheet HTML 9Page - Texas Instruments OPA625 Datasheet HTML 10Page - Texas Instruments OPA625 Datasheet HTML 11Page - Texas Instruments OPA625 Datasheet HTML 12Page - Texas Instruments OPA625 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
OPA625, OPA2625
www.ti.com
SBOS688 – APRIL 2015
Electrical Characteristics High-Drive Mode (continued)
At TA = +25°C, (V+) = 2.7 V, (V–) = 0 V, VMODE = 0 V, VCOM = VO = 1.35 V, G = 1, RF = 1 kΩ, CF= 2.7 pF, CLOAD= 20 pF, and
RLOAD = 1 kΩ connected to 1.35 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Differential input
ZID
27 || 0.8
K
Ω || pF
impedance
Common-mode input
ZIC
47 || 1.2
M
Ω || pF
impedance
OUTPUT
60
80
mV
R LOAD= 600 Ω
TA = –40°C to +125°C
100
mV
Output voltage swing to
the rail
20
35
mV
R LOAD= 10 kΩ
TA = –40°C to +125°C
40
mV
ISC
Short-circuit current
150
mA
CLOAD
Capacitive load drive
See typical characteristics
MODE
High-drive (HD) mode
(V–) +
VIL
TA = –40°C to +125°C
(V–)
V
threshold
0.5
Low-power (LP) mode
(V–) +
VIH
TA = –40°C to +125°C
(V+)
V
threshold
1.2
POWER SUPPLY
2
2.1
mA
Quiescent current per
IO = 0 mA
IQ
amplifier
MODE connected to ground
TA = –40°C to +125°C
2.8
mA
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA625 OPA2625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com