Electronic Components Datasheet Search
  English  ▼

X  

OPA625 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA625
Description  OPAx625 High-Bandwidth, High-Precision, Low THDN,16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA625 Datasheet(HTML) 1 Page - Texas Instruments

  OPA625 Datasheet HTML 1Page - Texas Instruments OPA625 Datasheet HTML 2Page - Texas Instruments OPA625 Datasheet HTML 3Page - Texas Instruments OPA625 Datasheet HTML 4Page - Texas Instruments OPA625 Datasheet HTML 5Page - Texas Instruments OPA625 Datasheet HTML 6Page - Texas Instruments OPA625 Datasheet HTML 7Page - Texas Instruments OPA625 Datasheet HTML 8Page - Texas Instruments OPA625 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
5 V
3.3 V
Input
Voltage
Mode
Control
REF
ADS8860
GND
AVDD
VREF / 4
VREF
1 k
1 k
10 nF
4.7
+
±
OPA625
4.7
Frequency (kHz)
-175
-150
-125
-100
-75
-50
-25
0
0
50
100
150
200
250
300
350
400
450
500
-115.91 dBc (Third Harmonic)
THD = -110.8 dBc
SNR = 91.88 dB
SINAD = 91.86 dB
ENOB = 14.97
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
OPA625, OPA2625
SBOS688 – APRIL 2015
OPAx625 High-Bandwidth, High-Precision, Low THD+N,
16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
1 Features
3 Description
The OPAx625 family of operational amplifiers are
1
•
High-Drive Mode:
excellent 16-bit and 18-bit, SAR ADC drivers that are
–
GBW (G = 100): 120 MHz
high precision with low THD and noise allow for a
–
Slew Rate: 115 V/µs
unique power-scalable solution. This family of devices
is fully characterized and specified with a 16-bit
–
16-Bit Settling at 4-V Step: 280 ns
settling time of 280 ns that enables a true 16-bit
–
Low Voltage Noise: 2.5 nV/
√Hz at 10 kHz
effective number of bits (ENOB). Along with a high dc
–
Low Output Impedance: 1
Ω at 1 MHz
precision of only 100 µV offset voltage, a wide gain-
bandwidth product of 120 MHz, a low wideband noise
–
Offset Voltage: ±100 µV (max)
of 2.5 nV/
√Hz, this family is optimized for driving high-
–
Offset Voltage Drift: ±3 µV/ºC (max)
throughput, high-resolution SAR ADCs, such as the
–
Low Quiescent Current: 2 mA (typ)
ADS88xx family of SAR ADCs.
•
Low-Power Mode:
The OPAx625 features two operating modes: high-
–
GBW: 1 MHz
drive and low-power. In the innovative low-power
mode, the OPAx625 tracks the input signal allowing
–
Low Quiescent Current: 270 µA (typ)
the OPAx625 to transition from low-power mode to
•
Power-Scalable Features:
high-drive mode at 16-bit ENOB within 170 ns.
–
Ultrafast Transition from Low-Power to High-
The OPAx625 family is available in 6-pin SOT and
Drive Mode: 170 ns
10-pin
VSSOP
packages
and
is
specified
for
•
High AC and DC Precision:
operation from –40°C to +125°C.
–
Low Distortion: –122 dBc for HD2 and –140
dBc for HD3 at 100 kHz
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Input Common-Mode Range Includes Negative
Rail
OPA625
SOT (6)
2.90 mm × 1.60 mm
OPA2625(2)
VSSOP (10)
3.00 mm × 3.00 mm
–
Rail-to-Rail Output
–
Wide Temperature Range: Fully Specified from
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
–40°C to +125°C
(2) OPA2625 is product preview.
2 Applications
16-Bit SAR ADC, fIN = 10-kHz, 1-MSPS FFT
•
Precision SAR ADC Drivers
•
Precision Voltage Reference Buffers
•
Programmable Logic Controllers
•
Test and Measurement Equipment
•
Power-Sensitive Data Acquisition Systems
SAR ADC Driver
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - OPA625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA625 TI1-OPA625 Datasheet
2Mb / 46P
18-Bit Analog-to-Digital Converter (ADC) Drivers
OPA625 TI2-OPA625 Datasheet
2Mb / 48P
OPAx625 High-Bandwidth, High-Precision, Low THDN, 16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
REVISED OCTOBER 2015
OPA6250 TI-OPA6250 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA625IDBVR TI1-OPA625IDBVR Datasheet
2Mb / 46P
18-Bit Analog-to-Digital Converter (ADC) Drivers
OPA625IDBVR TI2-OPA625IDBVR Datasheet
2Mb / 48P
OPAx625 High-Bandwidth, High-Precision, Low THDN, 16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
REVISED OCTOBER 2015
More results

Similar Description - OPA625

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
TDA8767 PHILIPS-TDA8767 Datasheet
129Kb / 20P
12-bit high-speed Analog-to-Digital Converter ADC
1999 Feb 16
TDA8768 PHILIPS-TDA8768 Datasheet
126Kb / 20P
12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
logo
Analog Devices
AD1139 AD-AD1139 Datasheet
454Kb / 6P
High Accuracy 18-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM58P BURR-BROWN-PCM58P Datasheet
64Kb / 6P
Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
Intronics Power, Inc.
DAC1136 INTRONICS-DAC1136 Datasheet
1Mb / 8P
High Resolution 16 and 18-Bit Digital-to-Analog Converters
logo
Analog Devices
DAC1136 AD-DAC1136_15 Datasheet
3Mb / 8P
HIGH RESOLUTION 16 AND 18 BIT DIGITAL TO ANALOG CONVERTERS
logo
Texas Instruments
OPA625 TI-OPA625_15 Datasheet
2Mb / 46P
OPAx625 High-Bandwidth, High-Precision, Low THDN, 16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
OPA625 TI1-OPA625 Datasheet
2Mb / 46P
18-Bit Analog-to-Digital Converter (ADC) Drivers
ADS1262 TI1-ADS1262 Datasheet
2Mb / 133P
32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com