Electronic Components Datasheet Search
  English  ▼

X  

OPA625 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA625
Description  OPAx625 High-Bandwidth, High-Precision, Low THDN,16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA625 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA625 Datasheet HTML 15Page - Texas Instruments OPA625 Datasheet HTML 16Page - Texas Instruments OPA625 Datasheet HTML 17Page - Texas Instruments OPA625 Datasheet HTML 18Page - Texas Instruments OPA625 Datasheet HTML 19Page - Texas Instruments OPA625 Datasheet HTML 20Page - Texas Instruments OPA625 Datasheet HTML 21Page - Texas Instruments OPA625 Datasheet HTML 22Page - Texas Instruments OPA625 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
±3.0
±2.0
±1.0
0.0
1.0
2.0
3.0
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
S = ±2.5 V
V
S = ±1.35 V
±5.0
±4.0
±3.0
±2.0
±1.0
0.0
1.0
2.0
3.0
4.0
5.0
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
S = ±1.35 V
V
S = ±2.5 V
±30
±20
±10
0
10
20
30
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
S = ±1.35 V, (V±) ”9CM ” 9 ± 1.15 V
V
S = ±2.75 V, (V±) ”9CM ” 9 ± 1.15
-30
-20
-10
0
10
20
30
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
0
5
10
15
20
25
30
Input Offset Current (nA)
C013
1
10
100
1000
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
OPA625, OPA2625
www.ti.com
SBOS688 – APRIL 2015
Typical Characteristics (continued)
At TA = 25°C, V+ = 5 V, V– = 0 V, MODE = V–, VCOM = VO = 2.5 V, G = 2, RF = 1 kΩ, CF= 2.7 pF, CLOAD= 20 pF, and RLOAD =
2 k
Ω connected to 2.5 V (unless otherwise noted)
Distribution taken from 3139 amplifiers
Figure 45. Input Offset Current vs Temperature
Figure 44. Input Offset Current Distribution
2.7 V
≤ VS ≤ 5.5 V
Figure 46. 18 Common-Mode Rejection Ratio vs
Figure 47. 18 Power-Supply Rejection Ratio vs Temperature
Temperature
RLOAD = 10 kΩ
RLOAD = 600 Ω
Figure 48. 18 Open-Loop Gain vs Temperature with 10-k
Ω
Load
Figure 49. 18 Open-Loop Gain vs Temperature with 600-
Ω
Load
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: OPA625 OPA2625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com