Electronic Components Datasheet Search
  English  ▼

X  

OPA625 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # OPA625
Description  OPAx625 High-Bandwidth, High-Precision, Low THDN,16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA625 Datasheet(HTML) 33 Page - Texas Instruments

Back Button OPA625 Datasheet HTML 29Page - Texas Instruments OPA625 Datasheet HTML 30Page - Texas Instruments OPA625 Datasheet HTML 31Page - Texas Instruments OPA625 Datasheet HTML 32Page - Texas Instruments OPA625 Datasheet HTML 33Page - Texas Instruments OPA625 Datasheet HTML 34Page - Texas Instruments OPA625 Datasheet HTML 35Page - Texas Instruments OPA625 Datasheet HTML 36Page - Texas Instruments OPA625 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Time (ns)
0
500
1000
1500
2000
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Time (ns)
0
500
1000
1500
2000
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
FLT
SH
C
15 C
J
K
OPA625, OPA2625
www.ti.com
SBOS688 – APRIL 2015
9.2.2.2 Detailed Design Procedure
An ADC input driver circuit mainly consists of two parts: a driving amplifier and a fly-wheel RC filter. The amplifier
is used for signal conditioning of the input voltage and its low output impedance provides a buffer between the
signal source and the ADC input. The RC filter helps attenuate the sampling charge-injection from the switched-
capacitor input stage of the ADC as well as acts as an anti-aliasing filter to band-limit the wideband noise
contributed by the front-end circuit. The design of the ADC input driver involves optimizing the bandwidth of the
circuit, driven primarily by the following requirements:
•
The RFLTCFLT filter bandwidth should be low to band-limit the noise fed into the input of the ADC thereby
increasing the signal-to-noise ratio (SNR) of the system.
•
The overall system bandwidth should be large enough to accommodate optimal settling of the input signal at
the ADC input before the start of conversion.
CFLT is chosen based upon Equation 7 . CFLT is chosen to be 1 nF.
(7)
Connecting a 1-nF capacitor directly to the output of the OPA625 would degrade the OPA625 phase margin and
result in stability and settling time problems. To properly drive the 1-nF capacitor, a series resistor, RFLT, is used
to isolate the capacitor, CFLT, from the OPA625. RFLT must be sized based upon several constraints. To
determination a suitable value for RFLT, the system designer must consider the impact upon the THD due to the
voltage divider effect from RFLT reacting with the switch resistance, RSW, of the ADC input circuit as well as the
impact of the output impedance upon amplifier stability. In this example 12.4-
Ω resistors are selected. In this
design example, Figure 15 can be used to estimate a suitable value for RISO. RISO represents the total resistance
in series with CFLT, which in this example is equivalent to 2 × RFLT.
For step-by-step design procedure, circuit schematics, bill of materials, printed circuit board (PCB) files,
simulation results, and test results, refer to TI Precision Design, TIDU012, "Power-optimized 16-bit 1MSPS
Data Acquisition Block for Lowest Distortion and Noise Reference Design".
9.2.2.3 Application Curves
Figure 77 illustrates the performance of the circuit shown in Figure 75.
Figure 77. Positive Transient Response for Figure 75
Figure 78. Negative Transient Response for Figure 75
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: OPA625 OPA2625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com