Electronic Components Datasheet Search
  English  ▼

X  

OPA625 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA625
Description  OPAx625 High-Bandwidth, High-Precision, Low THDN,16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA625 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA625 Datasheet HTML 17Page - Texas Instruments OPA625 Datasheet HTML 18Page - Texas Instruments OPA625 Datasheet HTML 19Page - Texas Instruments OPA625 Datasheet HTML 20Page - Texas Instruments OPA625 Datasheet HTML 21Page - Texas Instruments OPA625 Datasheet HTML 22Page - Texas Instruments OPA625 Datasheet HTML 23Page - Texas Instruments OPA625 Datasheet HTML 24Page - Texas Instruments OPA625 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
-4
-3
-2
-1
0
1
2
3
4
±200
±150
±100
±50
0
50
100
150
200
±200
0
200
400
600
800
1000
Time (ns)
C032
16-bit settling
16-bit settling
MODE Pin
0
1
2
3
4
±4
±2
0
2
4
Time (200 ns/div)
C035
MODE Pin Voltage
I
Q
0
50
100
150
200
250
300
350
400
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Supply Voltage (V)
C001
0
1
2
3
4
±4
±2
0
2
4
Time (200 ns/div)
C035
MODE Pin Voltage
I
Q
0
0.5
1
1.5
2
2.5
3
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
S = ±2.5 V
V
S = ±1.35 V
0
50
100
150
200
250
300
350
400
450
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
S = ±2.5 V
V
S = ±1.35 V
OPA625, OPA2625
www.ti.com
SBOS688 – APRIL 2015
Typical Characteristics (continued)
At TA = 25°C, V+ = 5 V, V– = 0 V, MODE = V–, VCOM = VO = 2.5 V, G = 2, RF = 1 kΩ, CF= 2.7 pF, CLOAD= 20 pF, and RLOAD =
2 k
Ω connected to 2.5 V (unless otherwise noted)
MODE pin connected to V+
Figure 56. High-Drive Mode Quiescent Current vs
Figure 57. Low-Power Mode Quiescent Current vs
Temperature
Temperature
Low-drive mode, MODE pin connected to V+
VS = ±2.75 V
Figure 58. Low-Power Mode Quiescent Current vs Power-
Figure 59. Quiescent Current when MODE transitions from
Supply Voltage
High to Low
VS = ±2.75 V
VO = 3.8 VDC
Figure 60. Quiescent Current when MODE Transitions from
Figure 61. Output Voltage when MODE Transitions from
Low to High
High to Low
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: OPA625 OPA2625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com