Electronic Components Datasheet Search
  English  ▼

X  

TLV62565DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62565DBVT
Description  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62565DBVT Datasheet(HTML) 5 Page - Texas Instruments

  TLV62565DBVT Datasheet HTML 1Page - Texas Instruments TLV62565DBVT Datasheet HTML 2Page - Texas Instruments TLV62565DBVT Datasheet HTML 3Page - Texas Instruments TLV62565DBVT Datasheet HTML 4Page - Texas Instruments TLV62565DBVT Datasheet HTML 5Page - Texas Instruments TLV62565DBVT Datasheet HTML 6Page - Texas Instruments TLV62565DBVT Datasheet HTML 7Page - Texas Instruments TLV62565DBVT Datasheet HTML 8Page - Texas Instruments TLV62565DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TLV62565, TLV62566
www.ti.com
SLVSBC1C – OCTOBER 2013 – REVISED JULY 2015
8.5
Electrical Characteristics
Over recommended free-air temperature range, VIN = 3.6 V, TA = -40°C to 85°C, typical values are at TA = 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage
2.7
5.5
V
IQ
Quiescent current into VIN pin
IOUT = 0 mA, Not switching
50
uA
Under voltage lock out
VIN falling
2.2
2.3
V
VUVLO
Under voltage lock out hysteresis
200
mV
Thermal shutdown
Junction temperature rising
150
TJSD
°C
Thermal shutdown hysteresis
Junction temperature falling below TJSD
20
LOGIC INTERFACE, TLV62565
VIH
High-level input voltage
2.7 V
≤ VIN ≤ 5.5 V
1.2
V
VIL
Low-level input voltage
2.7 V
≤ VIN ≤ 5.5 V
0.4
V
ISD
Shutdown current into VIN pin
EN = LOW
0.1
1
µA
IEN,LKG
EN leakage current
0.01
0.16
µA
POWER GOOD, TLV62566
Power Good low threshold
VFB falling referenced to VFB nominal
90%
VPG
Power Good high threshold
VFB risng referenced to VFB nominal
95%
VL
Low level voltage
Isink = 500 µA
0.4
V
IPG,LKG
PG Leakage current
VPG = 5.0 V
0.01
0.17
µA
OUTPUT
VOUT
Output voltage
0.6
DMAX.VIN
V
PWM operation, TA = -40°C to 85°C
0.588
0.6
0.612
V
VFB
Feedback regulation voltage
PWM operation, TA = 85°C
0.594
0.6
0.606
V
PFM comparator threshold
0.9%
IFB
Feedback input bias current
VFB = 0.6 V
10
100
nA
High-side FET on resistance
ISW = 500 mA, VIN = 3.6 V
173
RDS(on)
m
Ω
Low-side FET on resistance
ISW = 500 mA, VIN = 3.6 V
105
ILIM,LS
Low-side FET valley current limit
1.5
A
ILIM,HS
High-side FET peak current limit
1.8
A
fSW
Switching frequency
1.5
MHz
DMAX
Maximum duty cycle
95%
tOFF,MIN
Minimum off time
40
ns
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLV62565 TLV62566



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com