Electronic Components Datasheet Search
  English  ▼

X  

TLV62565DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62565DBVT
Description  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62565DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TLV62565DBVT Datasheet HTML 1Page - Texas Instruments TLV62565DBVT Datasheet HTML 2Page - Texas Instruments TLV62565DBVT Datasheet HTML 3Page - Texas Instruments TLV62565DBVT Datasheet HTML 4Page - Texas Instruments TLV62565DBVT Datasheet HTML 5Page - Texas Instruments TLV62565DBVT Datasheet HTML 6Page - Texas Instruments TLV62565DBVT Datasheet HTML 7Page - Texas Instruments TLV62565DBVT Datasheet HTML 8Page - Texas Instruments TLV62565DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
1
2
3
4
5
VIN
SW
GND
FB
EN/PG
TLV62565, TLV62566
www.ti.com
SLVSBC1C – OCTOBER 2013 – REVISED JULY 2015
6 Device Comparison Table
PART NUMBER
FUNCTION
TLV62565
EN
TLV62566
PG
7 Pin Configuration and Functions
5-Pin SOT-23
DBV Package
(Top View)
Pin Functions
PIN
NUMBER
I/O/PWR
DESCRIPTION
NAME
TLV62565
TLV62566
Device enable logic input. Logic HIGH enables the device, logic low disables the device
EN
1
—
I
and turns it into shutdown.
Feedback pin for the internal control loop. Connect this pin to the external feedback
FB
5
5
I
divider.
GND
2
2
PWR
Ground pin.
Power Good open drain output. This pin is high impedance if the output voltage is within
PG
—
1
O
regulation. It is pulled low if the output is below its nominal value. It is also in logic low
when VIN below UVLO or thermal shutdown triggers.
Switch pin connected to the internal MOSFET switches and inductor terminal. Connect
SW
3
3
PWR
the inductor of the output filter to this pin.
VIN
4
4
PWR
Power supply voltage input.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLV62565 TLV62566



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com