Electronic Components Datasheet Search
  English  ▼

X  

TLV62565DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62565DBVT
Description  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62565DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV62565DBVT Datasheet HTML 3Page - Texas Instruments TLV62565DBVT Datasheet HTML 4Page - Texas Instruments TLV62565DBVT Datasheet HTML 5Page - Texas Instruments TLV62565DBVT Datasheet HTML 6Page - Texas Instruments TLV62565DBVT Datasheet HTML 7Page - Texas Instruments TLV62565DBVT Datasheet HTML 8Page - Texas Instruments TLV62565DBVT Datasheet HTML 9Page - Texas Instruments TLV62565DBVT Datasheet HTML 10Page - Texas Instruments TLV62565DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
10µ
100µ
1m
10m
100m
1
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
Load current [A]
Vin=2.7V
Vin=3.6V
Vin=5.5V
C004
V
IN=3.6V
V
IN=5.5V
V
IN=2.7V
10
20
30
40
50
60
70
80
90
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage [V]
Ta=-40°C
Ta=25°C
Ta=85°C
C009
V
OUT = 0.6V
T
A=85°C
T
A=±40°C
T
A=25°C
10µ
100µ
1m
10m
100m
1
0
10
20
30
40
50
60
70
80
90
100
Load current [A]
Vin=4.2V
Vin=5.5V
C003
V
OUT=3.3V
V
IN=5.5V
V
IN=4.2V
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage[V]
Load=0.5A
Load=1A
Load=1.5A
C011
10µ
100µ
1m
10m
100m
1
0
10
20
30
40
50
60
70
80
90
100
Load current [A]
Vin=2.7V
Vin=3.6V
Vin=5.5V
C001
V
OUT=1. 8V
V
IN=3.6V
V
IN=5.5V
V
IN=2.7V
10µ
100µ
1m
10m
100m
1
0
10
20
30
40
50
60
70
80
90
100
Load current [A]
Vin=2.7V
Vin=3.6V
Vin=5.5V
C002
V
OUT=1.2V
V
IN=3.6V
V
IN=5.5V
V
IN=2.7V
TLV62565, TLV62566
www.ti.com
SLVSBC1C – OCTOBER 2013 – REVISED JULY 2015
Figure 1. Efficiency vs Load Current
Figure 2. Efficiency vs Load Current
Figure 3. Efficiency vs Load Current
Figure 4. Output Voltage vs Input Voltage
Figure 5. Output Voltage vs Load Current
Figure 6. Quiescent Current vs Input Voltage
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLV62565 TLV62566



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com