Electronic Components Datasheet Search
  English  ▼

X  

TLV62565DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62565DBVT
Description  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62565DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV62565DBVT Datasheet HTML 8Page - Texas Instruments TLV62565DBVT Datasheet HTML 9Page - Texas Instruments TLV62565DBVT Datasheet HTML 10Page - Texas Instruments TLV62565DBVT Datasheet HTML 11Page - Texas Instruments TLV62565DBVT Datasheet HTML 12Page - Texas Instruments TLV62565DBVT Datasheet HTML 13Page - Texas Instruments TLV62565DBVT Datasheet HTML 14Page - Texas Instruments TLV62565DBVT Datasheet HTML 15Page - Texas Instruments TLV62565DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
SW
OUT
L
L
IT
VALLEY,LIM
PEAK,LIMIT
f
D)
(
L
V
I
I
I
I
-
´
=
+
=
1
Inductor
Current
t
Valley current limit
Maximum load current
Peak current limit
Secondary current limit
TLV62565, TLV62566
SLVSBC1C – OCTOBER 2013 – REVISED JULY 2015
www.ti.com
Feature Description (continued)
Figure 14. Switch Current Limit
where:
•
IPEAK,LIMIT is the high-side peak current limit
•
IVALLEY,LIMIT is the low-side valley current limit
(1)
10.3.5 Power Good
The TLV62566 integrates a Power Good output going low when the output voltage is below its nominal value.
The Power Good output stays high impedance once the output is above 95% of the regulated voltage and is low
once the output voltage falls below typically 90% of the regulated voltage. The PG pin is an open drain output
and is specified to sink typically up to 0.5 mA. The Power Good output requires a pull-up resistor connected to
any voltage lower than 5.5 V. When the device is off due to UVLO or thermal shutdown, the PG pin is pulled to
logic low.
10.4 Device Functional Modes
10.4.1 Under Voltage Lockout
To avoid mis-operation of the device at low input voltages, under voltage lockout is implemented that shuts down
the device at voltages lower than VUVLO with VHYS_UVLO hysteresis.
10.4.2 Thermal Shutdown
The device enters thermal shutdown once the junction temperature exceeds typically TJSD. Once the device
temperature falls below the threshold with hysteresis, the device returns to normal operation automatically.
Power Good is pulled low when thermal protection is triggered.
12
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TLV62565 TLV62566



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com