Electronic Components Datasheet Search
  English  ▼

X  

TLV62565DBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62565DBVT
Description  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62565DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV62565DBVT Datasheet HTML 4Page - Texas Instruments TLV62565DBVT Datasheet HTML 5Page - Texas Instruments TLV62565DBVT Datasheet HTML 6Page - Texas Instruments TLV62565DBVT Datasheet HTML 7Page - Texas Instruments TLV62565DBVT Datasheet HTML 8Page - Texas Instruments TLV62565DBVT Datasheet HTML 9Page - Texas Instruments TLV62565DBVT Datasheet HTML 10Page - Texas Instruments TLV62565DBVT Datasheet HTML 11Page - Texas Instruments TLV62565DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TLV62565
2.7V to 5.5V
V
IN
FB
VIN
GND
EN
SW
C2
10µF
V
OUT
L1
2.2µH
C1
4.7µF
R1
R2
1,000
1,100
1,200
1,300
1,400
1,500
1,600
0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
Load Current [A]
Vin=2.7V
Vin=3.6V
Vin=5.5V
C010
V
OUT = 1.8V
V
IN=5.5V
V
IN=2.7V
V
IN=3.6V
100
120
140
160
180
200
220
240
260
280
300
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage [V]
Ta=-40°C
Ta=25°C
Ta=85°C
C007
Load = 0.5A
C007
T
A=85°C
T
A=±40°C
T
A=25°C
50
70
90
110
130
150
170
190
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage [V]
Ta=-40°C
Ta=25°C
Ta=85°C
C008
Load = 0.5A
T
A=85°C
T
A=±40°C
T
A=25°C
TLV62565, TLV62566
SLVSBC1C – OCTOBER 2013 – REVISED JULY 2015
www.ti.com
Figure 7. High-Side FET RDS(on) vs Input Voltage
Figure 8. Low-Side FET RDS(on) vs Input Voltage
Figure 9. Switching Frequency vs Load Current
9 Parameter Measurement Information
Table 2. List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
C1
4.7 µF, Ceramic Capacitor, 6.3 V, X5R, size 0603, GRM188R60J475ME84
Murata
C2
10 µF, Ceramic Capacitor, 6.3 V, X5R, size 0603, GRM188R60J106ME84
Murata
L1
2.2 µH, Power Inductor, 2.5 A, size 4mmx4mm, LQH44PN2R2MP0
Murata
R1,R2
Chip resistor,1%,size 0603
Std.
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TLV62565 TLV62566



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com