Electronic Components Datasheet Search
  English  ▼

X  

TLV62565DBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62565DBVT
Description  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62565DBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV62565DBVT Datasheet HTML 12Page - Texas Instruments TLV62565DBVT Datasheet HTML 13Page - Texas Instruments TLV62565DBVT Datasheet HTML 14Page - Texas Instruments TLV62565DBVT Datasheet HTML 15Page - Texas Instruments TLV62565DBVT Datasheet HTML 16Page - Texas Instruments TLV62565DBVT Datasheet HTML 17Page - Texas Instruments TLV62565DBVT Datasheet HTML 18Page - Texas Instruments TLV62565DBVT Datasheet HTML 19Page - Texas Instruments TLV62565DBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
I
o
1 A/div
V
0.1 V/div
o
I
1 A/div
inductor
V
V = 1.8 V
IN
O
= 3.6 V
L=2.2 uH, C =10 uF
Load: 1.3 A to 0.3 A
o
4.0 µs/div
G008
EN
2 V/div
V
1 V/div
o
I
1A/div
inductor
V
V = 1.8 V
IN
O
= 3.6 V
400 µs/div
G004
SW
2 V/div
V
20 mV/div
o
I
1A/div
inductor
V
V = 1.8 V/10mA
IN
O
= 3.6 V
10 µs/div
G003
I
o
1 A/div
V
0.1 V/div
o
I
1 A/div
inductor
V
V = 1.8 V
IN
O
= 3.6 V
L=2.2 uH,C =10 uF
Load: 0.3 A to 1.3 A
o
4.0 µs/div
G007
SW
2 V/div
V
10 mV/div
o
I
1A/div
inductor
V
V = 1.8 V
IN
O
= 3.6 V
0.4 µs/div
G001
SW
2 V/div
V
20 mV/div
o
I
1A/div
inductor
V
V = 1.8 V/100mA
IN
O
= 3.6 V
2.0 µs/div
G002
TLV62565, TLV62566
SLVSBC1C – OCTOBER 2013 – REVISED JULY 2015
www.ti.com
11.2.3 Application Performance Curves
Figure 16. Typical Application (PWM Mode)
Figure 17. Typical Application (PFM Mode)
Figure 18. Typical Application (PFM Mode)
Figure 19. Load Transient
Figure 20. Load Transient
Figure 21. Start Up
16
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TLV62565 TLV62566



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com