Electronic Components Datasheet Search
  English  ▼

X  

TLV62565DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62565DBVT
Description  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62565DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TLV62565DBVT Datasheet HTML 1Page - Texas Instruments TLV62565DBVT Datasheet HTML 2Page - Texas Instruments TLV62565DBVT Datasheet HTML 3Page - Texas Instruments TLV62565DBVT Datasheet HTML 4Page - Texas Instruments TLV62565DBVT Datasheet HTML 5Page - Texas Instruments TLV62565DBVT Datasheet HTML 6Page - Texas Instruments TLV62565DBVT Datasheet HTML 7Page - Texas Instruments TLV62565DBVT Datasheet HTML 8Page - Texas Instruments TLV62565DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
10µ
100µ
1m
10m
100m
1
0
10
20
30
40
50
60
70
80
90
100
Load current [A]
Vin=2.7V
Vin=3.6V
Vin=5.5V
C001
V
OUT=1. 8V
V
IN=3.6V
V
IN=5.5V
V
IN=2.7V
TLV62565
2.7V to 5.5V
V
IN
FB
VIN
GND
EN
SW
C2
10µF
V
OUT
1.8V
L1
2.2µH
C1
4.7µF
R1
240k
R2
120k
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV62565, TLV62566
SLVSBC1C – OCTOBER 2013 – REVISED JULY 2015
TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
1 Features
3 Description
The TLV62565/6 devices are synchronous step-down
1
•
2.7-V to 5.5-V Input Voltage Range
converters optimized for small solution size and high
•
1.5-MHz Typical Switching Frequency
efficiency. The devices integrate switches capable of
•
Output Current up to 1.5 A (Max)
delivering an output current up to 1.5 A.
•
Adaptive On-Time Current Control
The devices are based on an adaptive on time with
•
Power Save Mode for Light Load Efficiency
valley
current
mode
control
scheme.
Typical
operating frequency is 1.5 MHz at medium to heavy
•
50-µA Operating Quiescent Current
loads. The devices are optimized to achieve very low
•
Up to 95% Efficiency
output
voltage
ripple
even
with
small
external
•
Over Current Protection
components and feature an excellent load transient
response.
•
95% Maximum Duty Cycle
•
Excellent AC and Transient Load Response
During a light load, the TLV62565/6 automatically
enter into Power Save Mode at the lowest quiescent
•
Power Good Output, TLV62566
current (50
μA typ) to maintain high efficiency over
•
Internal Soft Startup of 250 µs (Typ)
the entire load current range. In shutdown, the
•
Adjustable Output Voltage
current consumption is reduced to less than 1
μA.
•
Thermal Shutdown Protection
The TLV62565/6 provide an adjustable output voltage
•
Available in SOT-23 5-Pin Package
via an external resistor divider. The output voltage
start-up ramp is controlled by an internal soft start,
2 Applications
typically 250 µs. Power sequencing is possible by
configuring the Enable (TLV62565) and Power Good
•
Portable Devices
(TLV62566) pins. Other features like over current
•
DSL Modems
protection and over temperature protection are built-
•
Hard Disk Drivers
in. The TLV62565/6 devices are available in a SOT-
23 5-pin package.
•
Set Top Box
•
Tablet
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV62565,
SOT-23 (5)
2.90 mm × 1.60 mm
TLV62566
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic
Efficiency vs Load Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV62565DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62565DBVT TI2-TLV62565DBVT Datasheet
768Kb / 26P
TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
REVISED OCTOBER 2016
TLV62565DBVT TI2-TLV62565DBVT Datasheet
774Kb / 26P
TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
REVISED OCTOBER 2016
TLV62565DBVT.A TI2-TLV62565DBVT.A Datasheet
768Kb / 26P
TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
REVISED OCTOBER 2016
TLV62565DBVT.A TI2-TLV62565DBVT.A Datasheet
774Kb / 26P
TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
REVISED OCTOBER 2016
More results

Similar Description - TLV62565DBVT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
logo
Global Mixed-mode Techn...
G5103 GMT-G5103 Datasheet
288Kb / 8P
Micro-power Step-Up DC/DC Converters in SOT-23-5
logo
Linear Technology
LTC1701 LINER-LTC1701_1 Datasheet
183Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
logo
Texas Instruments
TLV62565 TI1-TLV62565 Datasheet
1Mb / 22P
1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
logo
Monolithic Power System...
MP1469 MPS-MP1469 Datasheet
477Kb / 17P
High-Efficiency, 1.5A, 16V, 500kHz Synchronous, Step-Down Converter In 6 Pin SOT 23
logo
Linear Integrated Syste...
LTC1517ES5-5 LINEAR-LTC1517ES5-5 Datasheet
144Kb / 8P
Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Technology
LTC1517-3.3 LINER-LTC1517-3.3_15 Datasheet
161Kb / 8P
Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1701 LINER-LTC1701_15 Datasheet
189Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B_15 Datasheet
189Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com